Electronic Components Datasheet Search
  English  ▼

X  

UPD75316 Datasheet(PDF) 1 Page - NEC

Part # UPD75316
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75316 Datasheet(HTML) 1 Page - NEC

  UPD75316 Datasheet HTML 1Page - NEC UPD75316 Datasheet HTML 2Page - NEC UPD75316 Datasheet HTML 3Page - NEC UPD75316 Datasheet HTML 4Page - NEC UPD75316 Datasheet HTML 5Page - NEC UPD75316 Datasheet HTML 6Page - NEC UPD75316 Datasheet HTML 7Page - NEC UPD75316 Datasheet HTML 8Page - NEC UPD75316 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
© NEC Corporation 1991
Document No.
IC-2825A
(O. D. No.
IC-8270A)
Date Published December 1993 P
Printed in Japan
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75312(A), 75316(A)
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
DESCRIPTION
The
µPD75316(A) is one of the 75X Series 4-bit single-chip microcomputer having a built-in LCD controller/
driver, and has a data processing capability comparable to that of an 8-bit microcomputer.
In addition to high-speed operation with 0.95
µs minimum instruction execution time for the CPU, the
µPD75316(A) can also process data in 1-, 4-, and 8-bit units. Therefore, as a 4-bit single-chip microcomputer
chip having a built-in LCD panel controller/driver, its data processing capability is the highest in its class in
the world.
Detailed functions are described in the following user's manual. Be sure to read it for designing.
µPD75308 User's Manual: IEM-5016
FEATURES
• Higher reliability than
µPD75316
• Internal memory
• Program memory (ROM)
: 16256
× 8 bits (
µPD75316(A))
: 12160
× 8 bits (
µPD75312(A))
• Data memory
: 512
× 4 bits
• Capable of high-speed operation and variable instruction execution time to power save
• 0.95
µs, 1.91 µs, 15.3 µs (operating at 4.19 MHz)
• 122
µs (operating at 32.768 kHz)
• 75X architecture comparable to that for an 8-bit microcomputer is employed
• Built-in programmable LCD controller/driver
• Clock operation at reduced power dissipation: 5
µA TYP. (operating at 3 V)
• Enhanced timer function (3 channels)
• Interrupt functions especially enhanced for applications, such as remote control receiver
• Pull-up resistors can be provided for 31 I/O lines
• Built-in NEC standard serial bus interface (SBI)
• Upgraded model of
µPD7514 (µPD7500 Series)
• PROM version (
µPD75P316, µPD75P316A) available
APPLICATIONS
Suitable for controlling automotive and transportation equipment.
The
µPD75316(A) is treated as the representative model throughout this document,
unless there are differences between
µPD75312(A) and µPD75316(A) functions.
4-BIT SINGLE-CHIP MICROCOMPUTER


Similar Part No. - UPD75316

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75316 NEC-UPD75316 Datasheet
3Mb / 71P
4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
UPD75316B NEC-UPD75316B Datasheet
587Kb / 77P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75316BGC NEC-UPD75316BGC Datasheet
587Kb / 77P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75316BGC-XXX-3B9 RENESAS-UPD75316BGC-XXX-3B9 Datasheet
649Kb / 79P
MOS INTEGRATED CIRCUIT
1993
logo
NEC
UPD75316BGK NEC-UPD75316BGK Datasheet
587Kb / 77P
4-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - UPD75316

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com