Electronic Components Datasheet Search
  English  ▼

X  

UPD75316 Datasheet(PDF) 21 Page - NEC

Part # UPD75316
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75316 Datasheet(HTML) 21 Page - NEC

Back Button UPD75316 Datasheet HTML 17Page - NEC UPD75316 Datasheet HTML 18Page - NEC UPD75316 Datasheet HTML 19Page - NEC UPD75316 Datasheet HTML 20Page - NEC UPD75316 Datasheet HTML 21Page - NEC UPD75316 Datasheet HTML 22Page - NEC UPD75316 Datasheet HTML 23Page - NEC UPD75316 Datasheet HTML 24Page - NEC UPD75316 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
µPD75312(A), 75316(A)
21
5.2
CLOCK GENERATOR CIRCUIT
The operation of the clock generator circuit is determined by the processor clock control regiser (PPC) and
system clock control register (SCC).
This circuit can generate two types of clocks: main system clock and subsystem clock.
In addition, it can also change the instruction execution time.
• 0.95
µs/1.91 µs/15.3 µs (main system clock: 4.19 MHz)
• 122
µs (subsystem clock: 32.768 kHz)
Remarks 1: fX = Main system clock frequency
2: fXT = Subsystem clock frequency
3: PCC: Processor clock control register
4: SCC: System clock control register
5: *: instruction execution.
6: One clock cysle (tCY) of
Φ is one machine cycle of an instruction. For tCY, refer to AC
characteristics in 11. ELECTRICAL SPECIFICATIONS.
Fig. 5-1 Clock Generator Block Diagram
V DD
V DD
XT1
XT2
X1
X2
f XT
f X
LCD controller
/driver
Watch timer
Subsystem
clock
oscillator
Main system
clock
oscillator
1/2 1/16
1/8 to 1/4096
Frequency divider
· Basic interval timer (BT)
· Timer/event counter
· Serial interface
· Watch timer
· LCD controller/driver
· INT0 noise rejecter circuit
· Clock output circuit
WM.3
SCC
SCC3
SCC0
PCC
PCC0
PCC1
PCC2
PCC3
HALT*
STOP*
4
PCC2, PCC3
clear signal
STOP F/F
QS
R
Q
S
R
HALT F/F
Oscillator
disable
signal
Frequency
divider
1/4
Φ
· CPU
· INT0 noise
rejecter circuit
· Clock output
circuit
Wait release
signal from BT
RESET signal
Standby release
signal from interrupt
control circuit
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com