Electronic Components Datasheet Search
  English  ▼

X  

LTC3539 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology LTC3539 Datasheet HTML 10Page - Linear Technology LTC3539 Datasheet HTML 11Page - Linear Technology LTC3539 Datasheet HTML 12Page - Linear Technology LTC3539 Datasheet HTML 13Page - Linear Technology LTC3539 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC3539/LTC3539-2
14
35392fc
For more information www.linear.com/3539/3539-2
LINEAR TECHNOLOGY CORPORATION 2008
LT 0914 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/3539/3539-2
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTC3400/
LTC3400B
600mA ISW, 1.2MHz, Synchronous Step-Up DC/DC
Converters
92% Efficiency VIN: 0.85V to 5V, VOUT(MAX) = 5V, IQ = 19µA/300µA, ISD <1µA,
ThinSOT™ Package
LTC3401
1A ISW, 3MHz, Synchronous Step-Up DC/DC Converter 97% Efficiency VIN: 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA, ISD <1µA, 10-Lead
MS Package
LTC3402
2A ISW, 3MHz, Synchronous Step-Up DC/DC Converter 97% Efficiency VIN: 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA, ISD <1µA, 10-Lead
MS Package
LTC3421
3A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
with Output Disconnect
95% Efficiency VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12µA, ISD <1µA,
QFN24 Package
LTC3422
1.5A ISW, 3MHz Synchronous Step-Up DC/DC
Converter with Output Disconnect
95% Efficiency VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 25µA, ISD <1µA,
3mm × 3mm DFN Package
LTC3423/
LTC3424
1A/2A ISW, 3MHz, Synchronous Step-Up DC/DC
Converter
95% Efficiency VIN: 0.5V to 5.5V, VOUT(MAX) = 5.5V, IQ = 38µA, ISD <1µA,
10-Lead MS Package
LTC3426
2A ISW, 1.2MHz, Step-Up DC/DC Converter
92% Efficiency VIN: 1.6V to 4.3V, VOUT(MAX) = 5V, ISD <1µA, SOT-23 Package
LTC3428
500mA ISW, 1.25MHz/2.5MHz, Synchronous Step-Up
DC/DC Converters with Output Disconnect
92% Efficiency VIN: 1.8V to 5V, VOUT(MAX) = 5.25V, ISD <1µA, 3mm × 3mm
DFN Package
LTC3429
600mA ISW, 500kHz, Synchronous Step-Up DC/DC
Converter with Output Disconnect and Soft-Start
96% Efficiency VIN: 0.5V to 4.4V, VOUT(MAX) = 5V, IQ = 20µA/300µA,
LTC3458
1.4A ISW, 1.5MHz, Synchronous Step-Up DC/DC
Converter/Output Disconnect/Burst Mode Operation
93% Efficiency VIN: 1.5V to 6V, VOUT(MAX) = 7.5V, IQ = 15µA, ISD <1µA,
DFN12 Package
LTC3458L
1.7A ISW, 1.5MHz, Synchronous Step-Up DC/DC
Converter with Output Disconnect, Automatic Burst
Mode Operation
94% Efficiency VOUT(MAX) = 6V, IQ = 12µA, DFN12 Package
LTC3459
70mA ISW, 10V Micropower Synchronous Boost
Converter/Output Disconnect/Burst Mode Operation
VIN: 1.5V to 5.5V, VOUT(MAX) = 10V, IQ = 10µA, ISD <1µA, ThinSOT Package
LTC3525-3/
LTC3525-3.3/
LTC3525-5
400mA Micropower Synchronous Step-Up DC/DC
Converter with Output Disconnect
95% Efficiency VIN: 1V to 4.5V, VOUT(MAX) = 3.3V or 5V, IQ = 7µA, ISD <1µA,
SC-70 Package
LTC3525L-3
400mA Micropower Synchronous Step-Up DC/DC
Converter with Output Disconnect
95% Efficiency VIN: 0.88V to 4.5V, VOUT(MAX) = 3V, IQ = 7µA, ISD <1µA,
SC-70 Package
LTC3526/
LTC3526B
500mA, 1MHz Synchronous Step-Up DC/DC Converter
with Output Disconnect
94% Efficiency VIN: 0.85V to 5V, VOUT(MAX) = 5.25V, IQ = 9µA, ISD <1µA,
2mm × 2mm DFN-6 Package
LTC3526L
550mA, 1MHz Synchronous Step-Up DC/DC Converter
with Output Disconnect
94% Efficiency VIN: 0.68V to 5V, VOUT(MAX) = 5.25V, IQ = 9µA, ISD <1µA,
2mm × 2mm DFN-6 Package
LTC3527/
LTC3527-1
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous
Step-Up DC/DC Converter with Output Disconnect
94% Efficiency VIN: 0.68V to 5V, VOUT(MAX) = 5.25V, IQ = 12µA, ISD <1µA,
3mm × 3mm QFN-16 Package
LTC3528/
LTC3528B
1A, 1MHz Synchronous Step-Up DC/DC Converter with
Output Disconnect
94% Efficiency VIN: 0.68V to 5V, VOUT(MAX) = 5.25V, IQ = 12µA, ISD <1µA,
2mm × 3mm DFN-8 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com