Electronic Components Datasheet Search
  English  ▼

X  

LTC3539 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 3 Page - Linear Technology

  LTC3539 Datasheet HTML 1Page - Linear Technology LTC3539 Datasheet HTML 2Page - Linear Technology LTC3539 Datasheet HTML 3Page - Linear Technology LTC3539 Datasheet HTML 4Page - Linear Technology LTC3539 Datasheet HTML 5Page - Linear Technology LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC3539/LTC3539-2
3
35392fc
For more information www.linear.com/3539/3539-2
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3539E/LTC3539E-2 is guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
VFB = 1.15V
l
87
90
%
Minimum Duty Cycle
VFB = 1.3V
l
0
%
Switching Frequency
LTC3539
LTC3539-2
l
l
0.7
1.8
1
2
1.3
2.4
MHz
MHz
MODE Input High Voltage
0.88
V
MODE Input Low Voltage
0.3
V
MODE Input Current
VMODE = 1.2V
0.3
1
µA
SHDN Input High Voltage
0.88
V
SHDN Input Low Voltage
0.3
V
SHDN Input Current
VSHDN = 1.2V
VSHDN = 3.3V
0.3
1
1
2
µA
µA
The l denotes the specifications which apply over the specified
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
64°C/W.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and
VIN, VOUT = 1.8V
Efficiency vs Load Current and
VIN, VOUT = 3.3V
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
1000
100
10
1
0.1
0.01
3539 G01
VIN = 1V
VIN = 1.2V
VIN = 1.5V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
3539 G02
VIN = 1.2V
VIN = 1.8V
VIN = 3V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
0.1
1
10
100
1000
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com