Electronic Components Datasheet Search
  English  ▼

X  

LT1508C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1508C
Description  Power Factor and PWM Controller(Voltage Mode)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1508C Datasheet HTML 8Page - Linear Technology LT1508C Datasheet HTML 9Page - Linear Technology LT1508C Datasheet HTML 10Page - Linear Technology LT1508C Datasheet HTML 11Page - Linear Technology LT1508C Datasheet HTML 12Page - Linear Technology LT1508C Datasheet HTML 13Page - Linear Technology LT1508C Datasheet HTML 14Page - Linear Technology LT1508C Datasheet HTML 15Page - Linear Technology LT1508C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1508
© LINEAR TECHNOLOGY CORPORATION 1995
1508f LT/TP 0697 7K • PRINTED IN USA
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
S20 (WIDE) 0396
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
PART NUMBER
DESCRIPTION
COMMENTS
LT1084
5A Low Dropout Linear Regulator
Good for Post Regulation of Switching Power Supplies
LT1105
Simplified Off-Line Controller
Solution for Universal Off-Line Inputs with Output to 100W
LT1241-5
High Frequency Current Mode PWM Controller
Operates at Oscillator Frequencies up to 500kHz
LT1247
High Frequency Current Mode PWM Controller
Operates at Oscillator Frequencies up to 1MHz
LT1248
Full-Feature Average Current Mode Power Factor Controller
Provides All Features in 16-Lead Package
LT1249
Minimal Parts Count Power Factor Controller
Simplified PFC Design
LT1509
Power Factor and PWM Controller
Current Mode PWM
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com