Electronic Components Datasheet Search
  English  ▼

X  

LT1508C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1508C
Description  Power Factor and PWM Controller(Voltage Mode)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508C Datasheet(HTML) 5 Page - Linear Technology

  LT1508C Datasheet HTML 1Page - Linear Technology LT1508C Datasheet HTML 2Page - Linear Technology LT1508C Datasheet HTML 3Page - Linear Technology LT1508C Datasheet HTML 4Page - Linear Technology LT1508C Datasheet HTML 5Page - Linear Technology LT1508C Datasheet HTML 6Page - Linear Technology LT1508C Datasheet HTML 7Page - Linear Technology LT1508C Datasheet HTML 8Page - Linear Technology LT1508C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1508
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
vs Temperature
Supply Current vs Supply Voltage
GTDR Rise and Fall Time
Start-Up Supply Current
vs Supply Voltage
MOUT Pin Characteristics
Frequency vs RSET and CSET
GTDR1 Maximum Duty Cycle
vs RSET and CSET
Multiplier Current
JUNCTION TEMPERATURE (
°C)
–75
75
7.536
7.524
7.512
7.500
7.488
7.476
7.464
7.452
7.440
7.428
1508 G04
–50
150
–25
0
25
50
100 125
IAC (µA)
0
300
150
0
1508 G05
250
500
VAOUT = 7V
VAOUT = 6.5V
VAOUT = 6V
VAOUT = 5.5V
VAOUT = 5V
VAOUT = 4.5V
VAOUT = 4V
VAOUT = 3.5V
VAOUT = 3V
VAOUT = 2.5V
SUPPLY VOLTAGE (V)
10
16
15
14
13
12
11
10
9
8
7
6
5
1508 G06
21
32
TJ = 25°C
TJ = 125°C
TJ = –55°C
LOAD CAPACITANCE (nF)
0
400
300
200
100
0
10
20
30
40
1508 G07
50
RISE TIME
NOTE: GTDR SLEWS
BETWEEN 1V AND 16V
FALL TIME
SUPPLY VOLTAGE (V)
0
550
500
450
400
350
300
250
200
150
100
50
0
1508 G08
20
125
°C
–55
°C
25
°C
4
812
16
26
10
14
18
CSET CAPACITANCE (pF)
200
500
450
400
350
300
250
200
150
100
50
0
1508 G09
1400
2200
600
1000
1800
RSET = 10k
RSET = 15k
RSET = 20k
RSET = 30k
CSET CAPACITANCE (pF)
200
1.00
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
0.90
1508 G10
1400
2200
600
1000
1800
RSET = 10k
RSET = 15k
RSET = 20k
RSET = 30k
MOUT VOLTAGE (V)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
1508 G11
2.4
1.2
0
–1.2
–2.4
TJ = 125°C
TJ = 25°C
TJ = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com