Electronic Components Datasheet Search
  English  ▼

X  

UPD75328GC Datasheet(PDF) 45 Page - NEC

Part # UPD75328GC
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75328GC Datasheet(HTML) 45 Page - NEC

Back Button UPD75328GC Datasheet HTML 41Page - NEC UPD75328GC Datasheet HTML 42Page - NEC UPD75328GC Datasheet HTML 43Page - NEC UPD75328GC Datasheet HTML 44Page - NEC UPD75328GC Datasheet HTML 45Page - NEC UPD75328GC Datasheet HTML 46Page - NEC UPD75328GC Datasheet HTML 47Page - NEC UPD75328GC Datasheet HTML 48Page - NEC UPD75328GC Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
45
µPD75328
A/D CONVERTER (Ta = -10 to +85
°C, VDD = 3.5 to 6.0 V, AVSS = VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
8
8
8
bit
Absolute Accuracy*1
2.5 V
≤ AVREF ≤ VDD*2
±1.5
LSB
Conversion Time
tCONV
*3
168/fX
S
Sampling Time
tSAMP
*4
44/fX
S
Analog Input Voltage
VIAN
AVSS
AVREF
V
Analog Input Impedance
RAN
1000
M
Ω
AVREF Current
IREF
0.25
2.0
mA
*1: Absolute accuracy excluding quantization error (
± 1–
2 LSB)
2: Set ADM1 as follows, in respect to the reference voltage of the AD converter (AVREF).
ADM1 can be set to either 0 or 1 when 0.6VDD
≤ AVREF ≤ 0.65VDD
3: Time since execution of conversion start instruction until EOC = 1 (fX = 4.19 MHz: 40.1
µs)
4: Time since execution of conversion start instruction until end of sampling (fX = 4.19 MHz: 10.5
µs)
2.5 V
0.6 V DD
0.65 V DD
V DD (3.5 to 6.0 V)
ADM1=0
ADM1=1
AV REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com