Electronic Components Datasheet Search
  English  ▼

X  

UPD75328GC Datasheet(PDF) 2 Page - NEC

Part # UPD75328GC
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75328GC Datasheet(HTML) 2 Page - NEC

  UPD75328GC Datasheet HTML 1Page - NEC UPD75328GC Datasheet HTML 2Page - NEC UPD75328GC Datasheet HTML 3Page - NEC UPD75328GC Datasheet HTML 4Page - NEC UPD75328GC Datasheet HTML 5Page - NEC UPD75328GC Datasheet HTML 6Page - NEC UPD75328GC Datasheet HTML 7Page - NEC UPD75328GC Datasheet HTML 8Page - NEC UPD75328GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
µPD75328
Including the pins
which also serve
as LCD drive pins.
Excluding the
pins which is
specifically pro-
vided for driving
LCD.
FUNCTIONAL OUTLINE (1/2)
Item
Function
Number of Basic
41
Instructions
Instruction
0.95, 1.91, and 15.3
µs, (Main system clock: operating at 4.19 MHz)
Execution Time
122
µs (Subsystem clock: operating at 32.768 kHz)
ROM
8064
× 8-bit
RAM
512
× 4-bit
General-Purpose
4-bit manipulation: 8
×4 banks, 8-bit manipulation: 4×4 banks
Registers
I/O Line
8
CMOS Input pins
Internal pull-up resistor
specification by software
44
20
CMOS input/output pins
is possible (except P00).
8
CMOS output pins
Also serve as segment pins
8
N-ch open-drain
Withstand voltage: 10V
input/output
Internal pull-up resistor
specification by mask option
is possible.
LCD Controller/
• LCD drive output pins
Driver
• Segment output pins: 20 (CMOS output pins: 8)
• Common output pins: 4
• Capable of driving up to 20
× 4 segments
• Display output mode: Static, 1/2, 1/3, 1/4 duty
A/D Converter
8-bit resolution x 6 channels (successive approximation type)
• Operating voltage VDD = 3.5 to 6.0 V
• A/D conversion speed 40.1
µs (operating at 4.19 MHz)
8-bit timer/event counter
• Clock source: 4 steps
• Event count is possible
8-bit basic interval timer
Timer
3 chs
• Reference time generation (1.95, 7.82, 31.3, 250 ms: operating at 4.19
MHz)
• Can be used as watchdog timer
Clock timer
• 0.5 second interval generation
• Count clock source slectable (4.19 MHz/32.768 kHz)
• Clock advance mode (3.9 ms time interval generation)
• Buzzer output (2 kHz)
Clock synchronized serial interface
Serial
• Internal NEC standard serial bus interface (SBI mode)
Interface
• 3-line serial I/O mode ... MSB/LSB first selectable
• 2-line serial I/O mode
Bit Sequential
Special bit manipulation memory: 16 bits
Buffer
Clock Output
Φ, 524, 262, 65.5 kHz (Main system clock: 4.19 MHz)
(PCL)
Buzzer Output
2 kHz (with main system clock or subsystem clock operated)
(BUZ)
Vector Interrupt
• External: 3
• Internal: 3
Test Input
• External: 1
• Internal: 1
Internal
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com