Electronic Components Datasheet Search
  English  ▼

X  

LT1573CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1573CS8
Description  Low Dropout PNP Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1573CS8 Datasheet HTML 8Page - Linear Technology LT1573CS8 Datasheet HTML 9Page - Linear Technology LT1573CS8 Datasheet HTML 10Page - Linear Technology LT1573CS8 Datasheet HTML 11Page - Linear Technology LT1573CS8 Datasheet HTML 12Page - Linear Technology LT1573CS8 Datasheet HTML 13Page - Linear Technology LT1573CS8 Datasheet HTML 14Page - Linear Technology LT1573CS8 Datasheet HTML 15Page - Linear Technology LT1573CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1573
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT
VIN
6V to 9V
RD
130
Ω
1/2W
VOUT
5V
GND
1573 TA03
RB
200
Ω
1/8W
R1
2.94k
1/8W
R2
1k
1/8W
LOAD
+
MOTOROLA
D45H11
CIN = 150µF (SANYO SURFACE MOUNT ELECTROLYTIC, 10V, PART #10CV150BS)
OR 10
µF LOW ESR TANTALUM CAPACITOR
COUT =47µF (SANYO SURFACE MOUNT ELECTROLYTIC, 25V, PART #25CV47BS)
OR 150
µF (SANYO SURFACE MOUNT ELECTROLYTIC, 10V, PART #10CV150BS)
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN
VIN
DRIVE
SHDN
GND
+
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT2
COUT1
CC
30pF
VIN
3.3V
RC
1k
1/8W
RD
39
Ω
1/2W
VOUT
2.5V
GND
1573 TA02
RB
200
Ω
1/8W
R1
976
Ω
1/8W
R2
1k
1/8W
LOAD
+
+
QOUT
MOTOROLA
D45H11
CIN = 22µF SURFACE MOUNT TANTALUM CAPACITOR
COUT1 = 10µF SURFACE MOUNT CERAMIC CAPACITOR
COUT2 = 15µF SURFACE MOUNT TANTALUM CAPACITOR
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN
VIN
DRIVE
SHDN
GND
+
3.3V to 2.5/2A Voltage Regulator
5V/2A Output from 6V to 9V Wall Adapter Input
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com