Electronic Components Datasheet Search
  English  ▼

X  

LT1578 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1578
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578 Datasheet(HTML) 3 Page - Linear Technology

  LT1578 Datasheet HTML 1Page - Linear Technology LT1578 Datasheet HTML 2Page - Linear Technology LT1578 Datasheet HTML 3Page - Linear Technology LT1578 Datasheet HTML 4Page - Linear Technology LT1578 Datasheet HTML 5Page - Linear Technology LT1578 Datasheet HTML 6Page - Linear Technology LT1578 Datasheet HTML 7Page - Linear Technology LT1578 Datasheet HTML 8Page - Linear Technology LT1578 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1578/LT1578-2.5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Current (Note 5)
ISW = 0.5A
q
918
mA
ISW = 1.5A
q
27
50
mA
VIN Supply Current (Note 6)
q
1.9
2.7
mA
Shutdown Supply Current
VSHDN = 0V, VIN ≤ 15V, VSW = 0V, VC Open
20
50
µA
q
75
µA
Lockout Threshold
VC Open
q
2.34
2.42
2.50
V
Shutdown Thresholds
VC Open Device Shutting Down
q
0.13
0.37
0.60
V
Device Starting Up
q
0.25
0.45
0.7
V
Synchronization Threshold
1.5
2.2
V
Synchronizing Range
250
400
kHz
SYNC Pin Input Resistance
40
k
Ω
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Gain is measured with a VC swing equal to 200mV above the
switching threshold level to 200mV below the upper clamp level.
Note 3: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 5: Boost current is the current flowing into the boost pin with the pin
held 5V above input voltage. It flows only during switch on time.
Note 6: Input supply current is the bias current drawn by the input pin
with switching disabled.
Note 7: Switch on resistance is calculated by dividing VIN to VSW voltage
by the forced current (1.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
Note 8: Slope compensation is the current subtracted from the switch
current limit at 80% duty cycle. See Maximum Output Load Current in the
Applications Information section for further details.
Note 9: Minimum on-time is 400ns typical. For a 200kHz operating
frequency this means the minimum duty cycle is 8%. In frequency
foldback mode, the effective duty cycle will be less than 8%.
Note 10: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance
referred to the sense pin on the fixed voltage parts, divide values shown by
the ratio 2.5/1.21.
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Voltage Drop
JUNCTION TEMPERATURE (
°C)
–50
1.23
1.22
1.21
1.20
1.19
100
1576 G03
–25
0
25
50
75
125
SWITCH CURRENT (A)
0
0.5
0.4
0.3
0.2
0.1
0
0.25
0.50
0.75
1.00
1576 G01
1.25
1.50
125
°C
–20
°C
25
°C
Feedback Pin Voltage
Switch Peak Current Limit
DUTY CYCLE (%)
0
2.5
2.0
1.5
1.0
0.5
0
80
1576 G02
20
40
60
100
TYPICAL
MINIMUM
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TJ = 25°C. VIN = 5V, VC = 1.5V, Boost = VIN + 5V, switch open, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com