Electronic Components Datasheet Search
  English  ▼

X  

LT1578 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1578
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1578 Datasheet(HTML) 4 Page - Linear Technology

  LT1578 Datasheet HTML 1Page - Linear Technology LT1578 Datasheet HTML 2Page - Linear Technology LT1578 Datasheet HTML 3Page - Linear Technology LT1578 Datasheet HTML 4Page - Linear Technology LT1578 Datasheet HTML 5Page - Linear Technology LT1578 Datasheet HTML 6Page - Linear Technology LT1578 Datasheet HTML 7Page - Linear Technology LT1578 Datasheet HTML 8Page - Linear Technology LT1578 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT1578/LT1578-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
JUNCTION TEMPERATURE (
°C)
–50
4
3
2
1
0
100
1576 G04
–25
0
25
50
75
125
AT 2.44V STANDBY THRESHOLD
(CURRENT FLOWS OUT OF PIN)
Shutdown Pin Bias Current
(VSHDN = Lockout Threshold)
JUNCTION TEMPERATURE (
°C)
–50
180
160
140
120
100
80
60
40
20
0
100
1576 G05
–25
0
25
50
75
125
CURRENT REQUIRED TO FORCE
SHUTDOWN (FLOWS OUT OF PIN).
AFTER SHUTDOWN, CURRENT
DROPS TO A FEW
µA
JUNCTION TEMPERATURE (
°C)
–50
100
1576 G06
050
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–25
25
75
125
START-UP
SHUTDOWN
Shutdown Supply Current
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
1576 G08
5
10
15
VSHDN = 0V
FREQUENCY (Hz)
2000
1500
1000
500
0
–500
200
150
100
50
0
–50
10
1k
10k
1M
1576 G09
100
100k
GAIN
PHASE
ERROR AMPLIFIER EQUIVALENT CIRCUIT
ROUT
570k
COUT
2.4pF
VC
RLOAD = 50Ω
VFB 1 × 10
–3
)
(
Error Amplifier Transconductance
JUNCTION TEMPERATURE (
°C)
–50
2.46
2.45
2.44
2.43
2.42
2.41
2.40
25
75
1576 G07
–25
0
50
100
125
ON
STANDBY
FEEDBACK VOLTAGE (V)
0
2.0
1576 G12
0.5
1.0
1.5
250
200
150
100
50
0
FEEDBACK PIN CURRENT
SWITCHING FREQUENCY
Shutdown Supply Current
JUNCTION TEMPERATURE (
°C)
–50
100
1576 G11
050
1600
1400
1200
1000
800
600
400
200
0
–25
25
75
125
Error Amplifier Transconductance
Frequency Foldback
Shutdown Thresholds
Standby Thresholds
SHUTDOWN VOLTAGE (V)
0
30
25
20
15
10
5
0
1576 G010
0.1
0.2
0.3
0.4
VIN = 10V
Shutdown Pin Bias Current
(VSHDN = Shutdown Threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com