Electronic Components Datasheet Search
  English  ▼

X  

LT1580 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1580
Description  7A, Very Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580 Datasheet(HTML) 4 Page - Linear Technology

  LT1580 Datasheet HTML 1Page - Linear Technology LT1580 Datasheet HTML 2Page - Linear Technology LT1580 Datasheet HTML 3Page - Linear Technology LT1580 Datasheet HTML 4Page - Linear Technology LT1580 Datasheet HTML 5Page - Linear Technology LT1580 Datasheet HTML 6Page - Linear Technology LT1580 Datasheet HTML 7Page - Linear Technology LT1580 Datasheet HTML 8Page - Linear Technology LT1580 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1580/LT1580-2.5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VPOWER: LT1580-2.5
VCONTROL = 5V, ILOAD = 100mA
q
0.10
0.17
V
(VPOWER – VOUT)VCONTROL = 5V, ILOAD = 1A
q
0.15
0.22
V
VCONTROL = 5V, ILOAD = 4A, TJ = 25°C
0.34
0.40
V
VCONTROL = 5V, ILOAD = 4A
q
0.50
V
VCONTROL = 5V, ILOAD = 7A, TJ = 25°C
0.54
0.62
V
VCONTROL = 5V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
0.70
0.80
V
VCONTROL = 5V, ILOAD = 6.5A, – 40°C ≤ TJ ≤ 0°C
0.70
0.80
V
Minimum VPOWER: LT1580
VCONTROL = 2.75V, ILOAD = 100mA
q
0.10
0.17
V
(VPOWER – VOUT)VCONTROL = 2.75V, ILOAD = 1A
q
0.15
0.22
V
(VADJ = 0V)
VCONTROL = 2.75V, ILOAD 2.75A
q
0.26
0.38
V
VCONTROL = 2.75V, ILOAD = 4A, TJ = 25°C
0.34
0.40
V
VCONTROL = 2.75V, ILOAD = 4A
q
0.50
V
VCONTROL = 2.75V, ILOAD = 7A, TJ = 25°C
0.54
0.62
V
VCONTROL = 2.75V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
0.70
0.80
V
VCONTROL = 2.75V, ILOAD = 6.5A, – 40°C ≤ TJ ≤ 0°C
0.70
0.80
V
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Unless otherwise specified VOUT = VSENSE. For the LT1580
adjustable device VADJ = 0V.
Note 2: For the LT1580, dropout is caused by either minimum control
voltage (VCONTROL) or minimum power voltage (VPOWER). Both parameters
are specified with respect to the output voltage. The specifications represent
the minimum input/output voltage required to maintain 1% regulation.
Note 3: For the LT1580 adjustable device the minimum load current is the
minimum current required to maintain regulation. Normally the current in
the resistor divider used to set the output voltage is selected to meet the
minimum load current requirement.
Note 4: The control pin current is the drive current required for the output
transistor. This current will track output current with roughly a 1:100 ratio.
The minimum value is equal to the quiescent current of the device.
OUTPUT CURRENT (A)
0
1.0
0
1
5
7
1580 G03
4
2
3
6
0.5
DATA SHEET LIMIT
TJ = 25°C
TJ = 125°C
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
OUTPUT CURRENT (A)
0
2
0
1
5
7
1580 G02
4
2
3
6
1
DATA SHEET LIMIT
TJ = 25°C
TJ = 125°C
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
Dropout Voltage —
Minimum Power Voltage
Control Pin Current
vs Output Current
OUTPUT CURRENT (A)
0
140
120
100
80
60
40
20
0
35
1580 G01
12
46
7
DATA SHEET LIMIT
TYPICAL
DEVICE
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
Minimum Control Voltage
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com