Electronic Components Datasheet Search
  English  ▼

X  

LT1580 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1580
Description  7A, Very Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1580 Datasheet HTML 3Page - Linear Technology LT1580 Datasheet HTML 4Page - Linear Technology LT1580 Datasheet HTML 5Page - Linear Technology LT1580 Datasheet HTML 6Page - Linear Technology LT1580 Datasheet HTML 7Page - Linear Technology LT1580 Datasheet HTML 8Page - Linear Technology LT1580 Datasheet HTML 9Page - Linear Technology LT1580 Datasheet HTML 10Page - Linear Technology LT1580 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1580/LT1580-2.5
APPLICATIONS INFORMATION
The LT1580 has improved frequency compensation which
permits the use of capacitors with very low ESR. This is
critical in addressing the needs of modern, low voltage,
high speed microprocessors. Current generation micro-
processors cycle load current from several hundred mil-
liamperes to several amperes in tens of nanoseconds.
Output voltage tolerances are tighter and include transient
response as part of the specification. The LT1580 is
designed to meet the fast current load step requirements
of these microprocessors and saves total cost by needing
less output capacitance to maintain regulation.
Careful design has eliminated any supply sequencing
issues associated with a dual supply system. The output
voltage will not turn on until both supplies are operating.
If the control voltage comes up first, the output current will
be limited to a few milliamperes until the power input
voltage comes up. If the power input comes up first the
output will not turn on at all until the control voltage comes
up. The output can never come up unregulated. The
LT1580 can also be operated as a single supply device by
tying the control and power inputs together. Dropout in
single supply operation will be determined by the mini-
mum control voltage.
The LT1580 includes several innovative features that
require additional pins over the traditional 3-terminal
regulator. Both the fixed and adjustable devices have
remote SENSE pins, permitting very accurate regulation of
output voltage at the load, where it counts, rather than at
the regulator. As a result the typical load regulation over
an output current range of 100mA to 7A with a 2.5V output
is typically less than 1mV. For the fixed voltage devices the
ADJ pin is also brought out. This allows the user to
improve transient response by bypassing the internal
resistor divider. In the past fixed output voltage devices
did not provide this capability. Bypassing the ADJ pin with
a capacitor in the range of 0.1
µF to 1µF will provide
optimum transient response. The value chosen will de-
pend on the amount of output capacitance in the system.
In addition to the enhancements mentioned above the
reference accuracy has been improved by a factor of two
with a guaranteed initial tolerance of
±0.6% at 25°C.
Temperature drift is also very well controlled. When com-
bined with ratiometrically accurate internal divider resis-
tors the part can easily hold 1% output accuracy over the
full temperature range and load current range, guaran-
teed, while operating with an input/output differential of
well under 1V.
Typical applications for the LT1580 include 3.3V to 2.5V
conversion with a 5V control supply, 5V to 4.2V conver-
sion with a 12V control supply or 5V to 3.6V conversion
with a 12V control supply. It is easy to obtain dropout
voltages of less than 0.5V at 4A along with excellent static
and dynamic specifications. The LT1580 is capable of 7A
of output current with a maximum dropout of 0.8V. The
LT1580 has fast transient response that allows it to handle
the large current changes associated with today’s micro-
processors. The device is fully protected against
overcurrent and overtemperature conditions. Both fixed
voltage (2.5V) and adjustable output versions are avail-
able. The device is available in a multilead TO-220 package
with five leads for the adjustable device and seven leads for
the fixed voltage device.
Grounding and Output Sensing
The LT1580 allows true Kelvin sensing for both the high
and low side of the load. This means that the voltage
regulation at the load can be easily optimized. Voltage
drops due to parasitic resistances between the regulator
and the load which would normally degrade regulation can
be placed inside the regulation loop of the LT1580. Figures
1 through 3 illustrate the advantages of remote sensing.
Figure 1 shows the LT1580 connected as a conventional
3-terminal regulator with the SENSE lead connected di-
rectly to the output of the device. RP represents the
parasitic resistance of the connections between the LT1580
and the load. The load is typically a microprocessor and
RP is made up of the PC traces and/or connector resis-
tances, in the case of a modular regulator, between the
regulator and the processor. The effect of RP can be seen
in trace A of Figure 3. Very small resistances cause
significant load regulation steps. For example, at 7A out-
put current the output voltage will shift by 7mV for every
0.001
Ω of resistance. In Figure 2 the LT1580 is connected
to take advantage of the remote sense feature. The SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com