Electronic Components Datasheet Search
  English  ▼

X  

LT1579CS8-3 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1579CS8-3
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS8-3 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1579CS8-3 Datasheet HTML 12Page - Linear Technology LT1579CS8-3 Datasheet HTML 13Page - Linear Technology LT1579CS8-3 Datasheet HTML 14Page - Linear Technology LT1579CS8-3 Datasheet HTML 15Page - Linear Technology LT1579CS8-3 Datasheet HTML 16Page - Linear Technology LT1579CS8-3 Datasheet HTML 17Page - Linear Technology LT1579CS8-3 Datasheet HTML 18Page - Linear Technology LT1579CS8-3 Datasheet HTML 19Page - Linear Technology LT1579CS8-3 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1579
APPLICATIONS INFORMATION
The inputs of the device can withstand reverse voltages up
to 20V. Current flow into the device will be limited to less
than 1mA (typically less than 100
µA) and no negative
voltage will appear at the output. The device will protect
both itself and the load. This provides protection against
batteries which can be plugged in backwards. Internal
protection circuitry isolates the inputs to prevent current
flow from one input to the other. Even with one input
supplying all bias currents and the other being plugged in
backwards (a maximum total differential of 40V), current
flow from one input to another will be limited to less than
1mA. Output voltage will be unaffected. In the case of
reverse inputs, no reverse voltages will appear at the load.
Pulling the SS pin low will cause all load currents to come
from the secondary input. If the secondary input is not
present, the output will be turned off. If the part is put into
current limit with the SS pin pulled low, current limit will
be drawn from the secondary input until it is discharged,
at which point the current limit will drop to zero.
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
GN Package
16-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
GN16 (SSOP) 1197
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.025
(0.635)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com