Electronic Components Datasheet Search
  English  ▼

X  

LT1579CS8-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1579CS8-3
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS8-3 Datasheet(HTML) 4 Page - Linear Technology

  LT1579CS8-3 Datasheet HTML 1Page - Linear Technology LT1579CS8-3 Datasheet HTML 2Page - Linear Technology LT1579CS8-3 Datasheet HTML 3Page - Linear Technology LT1579CS8-3 Datasheet HTML 4Page - Linear Technology LT1579CS8-3 Datasheet HTML 5Page - Linear Technology LT1579CS8-3 Datasheet HTML 6Page - Linear Technology LT1579CS8-3 Datasheet HTML 7Page - Linear Technology LT1579CS8-3 Datasheet HTML 8Page - Linear Technology LT1579CS8-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1579
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Adjust Pin Bias Current
TJ = 25°C
630
nA
(Notes 2, 7)
Minimum Input Voltage
ILOAD = 0mA
q
2.7
3.2
V
(Note 8)
Minimum Load Current
LT1579
VIN1 = VIN2 = 3.2V
q
3
µA
Secondary Select
Switch from VIN2 to VIN1
q
1.2
2.8
V
Threshold
Switch from VIN1 to VIN2
q
0.25
0.75
V
Secondary Select Pin
VSS = 0V
q
1
1.5
µA
Current (Note 7)
Low-Battery Trip Threshold
VIN1 = VIN2 = VOUT(NOMINAL) + 1V, High-to-Low Transition
q
1.440
1.500
1.550
V
Low-Battery Comparator
VIN1 = VIN2 = 6V, ILBO = 20µA (Note 11)
q
18
30
mV
Hysteresis
Low-Battery Comparator
VIN1 = VIN2 = 6V, VLBI = 1.4V, TJ = 25°C2
5
nA
Bias Current (Notes 7, 10)
Logic Flag Output Voltage
ISINK = 20µA
q
0.17
0.45
V
ISINK = 5mA
q
0.97
1.3
V
Ripple Rejection
VIN1 – VOUT = VIN2 – VOUT = 1.2V (Avg), VRIPPLE = 0.5VP-P
55
70
dB
fRIPPLE = 120Hz, ILOAD = 150mA
Current Limit
VIN1 = VIN2 = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
q
320
400
mA
Input Reverse Leakage
VIN1 = VIN2 = –20V, VOUT = 0V
q
1.0
mA
Current
Reverse Output Current
LT1579-3
VOUT = 3V, VIN1 = VIN2 = 0V
3
12
µA
LT1579-3.3 VOUT = 3.3V, VIN1 = VIN2 = 0V
3
12
µA
LT1579-5
VOUT = 5V, VIN1 = VIN2 = 0V
3
12
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, output current must be limited.
When operating at maximum output current, the input voltage range must
be limited.
Note 2: The LT1579 (adjustable version) is tested and specified with the
adjust pin connected to the output pin and a 3
µA DC load.
Note 3: Dropout voltage is the minimum input-to-output voltage
differential required to maintain regulation at the specified output current.
In dropout, the output voltage will be equal to VIN – VDROPOUT.
Note 4: To meet the requirements for minimum input voltage, the LT1579
(adjustable version) is connected with an external resistor divider for a
3.3V output voltage (see curve of Minimum Input Voltage vs Temperature
in the Typical Performance Characteristics). For this configuration,
VOUT(NOMINAL) = 3.3V.
Note 5: Ground pin current will rise at TJ > 75°C. This is due to internal
circuitry designed to compensate for leakage currents in the output
transistor at high temperatures. This allows quiescent current to be
minimized at lower temperatures, yet maintain output regulation at high
temperatures with light loads. See the curve of Quiescent Current vs
Temperature in the Typical Performance Characteristics.
Note 6: Standby current is the minimum quiescent current for a given
input while the other input supplies the load and bias currents.
Note 7: Current flow is out of the pin.
Note 8: Minimum input voltage is the voltage required on either input to
maintain the 1.5V reference for the error amplifier and low-battery
comparators.
Note 9: Total quiescent current in shutdown will be approximately equal to
IVIN1 + IVIN2 – ISRC. Both IVIN1 and IVIN2 are specified for worst-case
conditions. IVIN1 is specified under the condition that VIN1 > VIN2 and IVIN2
is specified under the condition that VIN2 > VIN1. ISRC is drawn from the
highest input voltage only. For normal operating conditions, the quiescent
current of the input with the lowest input voltage will be equal to the
specified quiescent current minus ISRC. For example, if VIN1 = 20V, VIN2 =
6V then IVIN1 = 5µA and IVIN2 = 5µA – 3µA = 2µA.
Note 10: The specification applies to both inputs independently
(LBI1, LBI2).
Note 11: Low-battery comparator hysteresis will change as a function of
current in the low-battery comparator output. See the curve of Low-Battery
Comparator Hysteresis vs Sink Current in the Typical Performance
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com