Electronic Components Datasheet Search
  English  ▼

X  

LT1610 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1610
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610 Datasheet(HTML) 1 Page - Linear Technology

  LT1610 Datasheet HTML 1Page - Linear Technology LT1610 Datasheet HTML 2Page - Linear Technology LT1610 Datasheet HTML 3Page - Linear Technology LT1610 Datasheet HTML 4Page - Linear Technology LT1610 Datasheet HTML 5Page - Linear Technology LT1610 Datasheet HTML 6Page - Linear Technology LT1610 Datasheet HTML 7Page - Linear Technology LT1610 Datasheet HTML 8Page - Linear Technology LT1610 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1610
1.7MHz, Single Cell
Micropower
DC/DC Converter
s
Uses Tiny Capacitors and Inductor
s
Internally Compensated
s
Low Quiescent Current: 30
µA
s
Operates with VIN as Low as 1V
s
3V at 30mA from a Single Cell
s
5V at 200mA from 3.3V
s
High Output Voltage Capability: Up to 28V
s
Low Shutdown Current: < 1
µA
s
Automatic Burst Mode
TM Switching at Light Load
s
Low VCESAT Switch: 300mV at 300mA
s
8-Lead MSOP and SO Packages
The LT
®1610 is a micropower fixed frequency DC/DC
converter that operates from an input voltage as low as 1V.
Intended for small, low power applications, it switches at
1.7MHz, allowing the use of tiny capacitors and inductors.
The device can generate 3V at 30mA from a single cell
(1V) supply. An internal compensation network can be
connected to the LT1610’s VC pin, eliminating two exter-
nal components. No-load quiescent current of the LT1610
is 30
µA, and the internal NPN power switch handles a
300mA current with a voltage drop of 300mV.
The LT1610 is available in 8-lead MSOP and SO packages.
Burst Mode is a trademark of Linear Technology Corporation.
Figure 1. 1-Cell to 3V Step-Up Converter
Efficiency
s
Pagers
s
Cordless Phones
s
Battery Backup
s
LCD Bias
s
Portable Electronic Equipment
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
C2
22
µF
C1
22
µF
1 CELL
L1
4.7
µH
D1
VOUT
3V
30mA
C1, C2: AVX TAJA226M006R
D1: MOTOROLA MBR0520
L1: MURATA LQH1C4R7
1610 F01
+
+
R1
1M
R2
681k
65
2
7
4
1
8
3
VIN
SW
PGND
FB
SHDN
GND
COMP
LT1610
VC
LOAD CURRENT (mA)
0.1
85
80
75
70
65
60
55
50
1
10
100
1610 TA01
VOUT = 3V
VIN = 1.5V
VIN = 1V
VIN = 1.25V


Similar Part No. - LT1610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1610 LINER-LT1610 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
More results

Similar Description - LT1610

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Linear Technology
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100_04 Datasheet
309Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
SINGLE CELL DC-DC CONVERTER SOLUTION
JANUARY 2004
logo
Linear Technology
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
1.7MHz, Single Cell Micropower DC/DC Converter
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com