Electronic Components Datasheet Search
  English  ▼

X  

LT1610 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1610
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1610 Datasheet HTML 8Page - Linear Technology LT1610 Datasheet HTML 9Page - Linear Technology LT1610 Datasheet HTML 10Page - Linear Technology LT1610 Datasheet HTML 11Page - Linear Technology LT1610 Datasheet HTML 12Page - Linear Technology LT1610 Datasheet HTML 13Page - Linear Technology LT1610 Datasheet HTML 14Page - Linear Technology LT1610 Datasheet HTML 15Page - Linear Technology LT1610 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1610
TYPICAL APPLICATIONS
CBIG
C1
15
µF
15k
1 AA
ALKALINE
CHARGE
SHUTDOWN
L1
4.7
µH
D1
Q1
VOUT
4.5V
C1, C2: AVX TAJA156M010
D1: MOTOROLA MBR0530T1
L1: MURATA LQH1C4R7
Q1: 2N3906
1610 TA11
+
C2
15
µF
+
+
R1
200k
R4
20
Ω
R3
845k
R2
2M
65
8
2
4
3.3nF
7
1
3
VIN
SW
PGND
COMP
SHDN
FB
VC
LT1610
GND
Single Cell Super Cap Charger
OUTPUT VOLTAGE (V)
2.0
0
5
10
15
20
25
2.5
3.0
3.5
4.0
1610 TA12
4.5
5.0
OUTPUT VOLTAGE (V)
2.0
0
10
20
30
40
60
2.5
3.0
3.5
4.0
1610 TA13
4.5
5.0
50
Super Cap Charger Output Current vs Output Voltage
Super Cap Charger Output Power vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com