Electronic Components Datasheet Search
  English  ▼

X  

UPD75336GC Datasheet(PDF) 49 Page - NEC

Part # UPD75336GC
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336GC Datasheet(HTML) 49 Page - NEC

Back Button UPD75336GC Datasheet HTML 45Page - NEC UPD75336GC Datasheet HTML 46Page - NEC UPD75336GC Datasheet HTML 47Page - NEC UPD75336GC Datasheet HTML 48Page - NEC UPD75336GC Datasheet HTML 49Page - NEC UPD75336GC Datasheet HTML 50Page - NEC UPD75336GC Datasheet HTML 51Page - NEC UPD75336GC Datasheet HTML 52Page - NEC UPD75336GC Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
49
µPD75336
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH1
Ports 2, 3 and 8
0.7 VDD
VDD
V
VIH2
Ports 0, 1, 6, 7, RESET
0.8 VDD
VDD
V
Input voltage high
On-chip pull-up resistor
0.7 VDD
VDD
V
VIH3
Ports 4 and 5
Open–drain
0.7 VDD
10
V
VIH4
X1, X2, XT1
VDD –0.5
VDD
V
VIL1
Ports 2, 3, 4, 5 and 8
0
0.3 VDD
V
Input voltage low
VIL2
Ports 0, 1, 6, 7, RESET
0
0.2 VDD
V
VIL3
X1, X2, XT1
0
0.4
V
VDD = 4.5 to 6.0 V
Ports 0, 2, 3, 6, 7, 8
IOH = –1 mA
BIAS
IOH = –100
µAVDD –0.5
V
Output voltage high
VDD = 4.5 to 6.0 V
BP0 to BP7
IOH = –100
µA
(with 2 IOH outputs)
IOH = –50
µAVDD –1.0
V
Ports 3, 4 and 5
VDD = 4.5 to 6.0 V
0.4
2.0
V
IOL = 15 mA
Ports 0, 2, 3, 4, 5, 6,
7 and 8
VDD = 4.5 to 6.0 V
VOL1
IOL = 1.6 mA
Output voltage low
IOL = 400
µA
0.5
V
Open–drain
pull-up resistor
≥ 1 kΩ
VDD = 4.5 to 6.0 V
BP0 to BP7 (with 2
IOL = 100
µA
IOL outputs)
IOL = 50
µA
1.0
V
ILIH1
Other than below
3
µA
VIN = VDD
ILIH2
X1, X2, XT1
20
µA
Ports 4 and 5
(open–drain)
ILIL1
Other than below
–3
µA
VIN = 0 V
ILIL2
X1, X2, XT1
–20
µA
ILOH1
VOUT = VDD
Other than below
3
µA
Output leakage
current high
Ports 4 and 5
(open–drain)
Output leakage
current low
DC CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V) (1/2)
VDD –1.0
V
VOH1
VOH2
VDD –2.0
V
0.4
V
0.2 VDD
V
1.0
V
VOL2
20
µA
ILIH3
ILOH2
ILOL
20
µA
VIN = 10 V
VOUT = 10 V
VOUT = 0 V
–3
µA
SB0, SB1
Input leakage
current high
Input leakage
current low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com