Electronic Components Datasheet Search
  English  ▼

X  

UPD75336GC Datasheet(PDF) 21 Page - NEC

Part # UPD75336GC
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336GC Datasheet(HTML) 21 Page - NEC

Back Button UPD75336GC Datasheet HTML 17Page - NEC UPD75336GC Datasheet HTML 18Page - NEC UPD75336GC Datasheet HTML 19Page - NEC UPD75336GC Datasheet HTML 20Page - NEC UPD75336GC Datasheet HTML 21Page - NEC UPD75336GC Datasheet HTML 22Page - NEC UPD75336GC Datasheet HTML 23Page - NEC UPD75336GC Datasheet HTML 24Page - NEC UPD75336GC Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
µPD75336
5.3
CLOCK OUTPUT CIRCUIT
The clock output circuit is intended to output clock pulses from the P22/PCL pin and is used for remote control
or to supply clock pulses to peripheral LSIs.
• Clock output (PCL):
Φ, 524 kHz, 262 kHz, 65.5 kHz (at 4.19 MHz operation)
Fig. 5-2 Clock Output Circuit Configuration
CLOM3
CLOM1CLOM0
0
Φ
Internal Bus
CLOM
P22
Output Latch
PORT2.2
Bit 2 of PMGB
Bit Specified
In Port 2
Input/Output
Mode
Output Buffer
PCL/P22
fX/2
3
fX/2
4
fX/2
6
Selector
From Clock
Generator
4
Remarks
The clock circuit is so configured that short-width pulses are not generated when clock output
enable/disable is switched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com