Electronic Components Datasheet Search
  English  ▼

X  

LT1632 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1632
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1632 Datasheet(HTML) 1 Page - Linear Technology

  LT1632 Datasheet HTML 1Page - Linear Technology LT1632 Datasheet HTML 2Page - Linear Technology LT1632 Datasheet HTML 3Page - Linear Technology LT1632 Datasheet HTML 4Page - Linear Technology LT1632 Datasheet HTML 5Page - Linear Technology LT1632 Datasheet HTML 6Page - Linear Technology LT1632 Datasheet HTML 7Page - Linear Technology LT1632 Datasheet HTML 8Page - Linear Technology LT1632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1632/LT1633
45MHz, 45V/
µs, Dual/Quad
Rail-to-Rail Input and Output
Precision Op Amps
FEATURES
s
Gain-Bandwidth Product: 45MHz
s
Slew Rate: 45V/
µs
s
Low Supply Current per Amplifier: 4.3mA
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Input Offset Voltage, Rail-to-Rail: 1350
µV Max
s
Input Offset Current: 440nA Max
s
Input Bias Current: 2.2
µA Max
s
Open-Loop Gain: 800V/mV Min
s
Low Input Noise Voltage: 12nV/
√Hz Typ
s
Low Distortion: – 92dBc at 100kHz
s
Wide Supply Range: 2.7V to
±15V
s
Large Output Drive Current: 35mA Min
s
Dual in 8-Pin PDIP and SO Packages
The LT
®1632/LT1633 are dual/quad, rail-to-rail input and
output op amps with a 45MHz gain-bandwidth product and
a 45V/
µs slew rate.
The LT1632/LT1633 have excellent DC precision over the
full range of operation. Input offset voltage is typically less
than 400
µV and the minimum open-loop gain of 0.8
million into a 10k load virtually eliminates all gain error.
Common mode rejection is typically 83dB over the full rail-
to-rail input range when on a single 5V supply for excellent
noninverting performance.
The LT1632/LT1633 maintain their performance for sup-
plies from 2.7V to 36V and are specified at 3V, 5V and
±15V
supplies. The inputs can be driven beyond the supplies
without damage or phase reversal of the output. The
output delivers load currents in excess of 35mA.
The LT1632 is available in 8-pin PDIP and SO packages
with the standard dual op amp pinout. The LT1633 features
the standard quad op amp configuration and is available in
a 14-pin plastic SO package. These devices can be used as
plug-in replacements for many standard op amps to
improve input/output range and performance.
DESCRIPTION
APPLICATIONS
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Driving A/D Converters
s
Low Voltage Signal Processing
s
Battery-Powered Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
100
10k
100k
10M
1632/33 TA02
1k
1M
COMMON MODE INPUT
DIFFERENTIAL INPUT
VS = 3V
AV = 100
TYPICAL APPLICATION
Single Supply, 40dB Gain, 550kHz Instrumentation Amplifier
1/2 LT1632
VIN
–
VIN
+
VOUT
1630/31 F02
R1
20k
R2
2k
R4
20k
R5
432
Ω
R3
2k
1/2 LT1632
3V
Frequency Response


Similar Part No. - LT1632

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1632 LINER-LT1632 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1632 LINER-LT1632 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
LT1632 LINER-LT1632 Datasheet
297Kb / 16P
45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
logo
Analog Devices
LT1632 AD-LT1632 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Taiyo Yuden (U.S.A.), I...
LT16322R7336 TAIYO-YUDEN-LT16322R7336 Datasheet
298Kb / 2P
Cylinder Type Electric Double-Layer Capacitor[RSELT]
2021.11.26
More results

Similar Description - LT1632

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1632 LINER-LT1632_15 Datasheet
297Kb / 16P
45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1633 LINER-LT1633_15 Datasheet
297Kb / 16P
45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com