Electronic Components Datasheet Search
  English  ▼

X  

LT1632 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1632
Description  45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1632 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1632 Datasheet HTML 8Page - Linear Technology LT1632 Datasheet HTML 9Page - Linear Technology LT1632 Datasheet HTML 10Page - Linear Technology LT1632 Datasheet HTML 11Page - Linear Technology LT1632 Datasheet HTML 12Page - Linear Technology LT1632 Datasheet HTML 13Page - Linear Technology LT1632 Datasheet HTML 14Page - Linear Technology LT1632 Datasheet HTML 15Page - Linear Technology LT1632 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1632/LT1633
16323f LT/TP 0998 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATION
A2
1/2 LT1632
VIN
VOUT
1632/33 F05
5V
5V
R2
1k
R9
1k
R8
5k
R11
10k
R10
10k
R6
1k
R1
500
Ω
R5
1k
R7
1k
R
1.62k
R
1.62k
C
1000pF
C
1000pF
–
+
A1
1/2 LT1632
C2
4.7
µF
C5
4.7
µF
C1
2.2
µF
Figure 5. Tunable Q Notch Filter
PART NUMBER
DESCRIPTON
COMMENTS
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 1.8mA per Op Amp
LT1213/LT1214
Dual/Quad 28MHz, 12V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 3.5mA per Op Amp
LT1215/LT1216
Dual/Quad 23MHz, 50V/
µs, Single Supply Precision Op Amps
Input Common Mode Includes Ground, 450
µV VOS(MAX),
6
µV/°C Max Drift, Max Supply Current 6.6mA per Op Amp
LT1498/LT1499
Dual/Quad 10MHz, 6V/
µs Rail-to-Rail Input and Output
High DC Accuracy, 475
µV VOS(MAX), 4µV/°C Max Drift,
C-Load
TM Op Amps
Max Supply Current 2.2mA per Amp
LT1630/LT1631
Dual/Quad 30MHz, 10V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 525
µV VOS(MAX), 70mA Output Current,
Max Supply Current 4.4mA per Amp
C-Load is a trademark of Linear Technology Corporation.
RELATED PARTS
f
RC
Rk
CpF
VV
R
RR
V
A
O
ODC
V
=
=
=
=
+
=
=
1
2
162
1000
5
11
11
10
25
2
π
.
.
()
Tunable Q Notch Filter
A single supply, tunable Q notch filter as shown in Figure
5 is built with LT1632 to maximize the output swing. The
filter has a gain of 2, and the notch frequency (fO) is set by
the values of R and C. The resistors R10 and R11 set up the
DC level at the output. The Q factor can be adjusted by
varying the value of R8. The higher value of R8 will
decrease Q as depicted in Figure 6, because the output
induces less of feedback to amplifier A2. The value of R7
should be equal or greater than R9 to prevent oscillation.
If R8 is a short and R9 is larger than R7, then the positive
feedback from the output will create phase inversion at the
output of amplifier A2, which will lead to oscillation.
FREQUENCY (kHz)
40
20
0
–20
–40
13632/33 F06
0
20 40 60
140 160 180 200
80 100 120
INCREASING R8
DECREASING R8
Figure 6. Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com