Electronic Components Datasheet Search
  English  ▼

X  

LT1630CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology LT1630CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1630/LT1631
APPLICATIONS INFORMATION
Q4
Q6
VBIAS
D6
D5
+IN
D2
Q3
Q7
Q1
I1
I2
+
+
Q9
Q2
D4
D1
D3
–IN
OUT
V –
V +
Q5
Q12
Q8
Q14
1630/31 F01
C1
R1
R6
225
Ω
R7
225
Ω
R3
V –
CC
R4
R5
C2
R2
Q11
Q13
Q15
BUFFER
AND
OUTPUT BIAS
Figure 1. LT1630 Simplified Schematic Diagram
Power Dissipation
The LT1630/LT1631 amplifiers combine high speed and
large output current drive in a small package. Because the
amplifiers operate over a very wide supply range, it is
possible to exceed the maximum junction temperature of
150
°C in plastic packages under certain conditions. Junc-
tion temperature TJ is calculated from the ambient tem-
perature TA and power dissipation PD as follows:
LT1630CN8: TJ = TA + (PD • 130°C/W)
LT1630CS8: TJ = TA + (PD • 190°C/W)
LT1631CS: TJ = TA + (PD • 150°C/W)
The power dissipation in the IC is the function of the supply
voltage, output voltage and load resistance. For a given
supply voltage, the worst-case power dissipation PDMAX
occurs at the maximum supply current and when the
output voltage is at half of either supply voltage (or the
maximum swing if less than 1/2 supply voltage). There-
fore PDMAX is given by:
PDMAX = (VS • ISMAX) + (VS/2)
2/RL
To ensure that the LT1630/LT1631 are used properly,
calculate the worst-case power dissipation, get the ther-
mal resistance for a chosen package and its maximum
junction temperature to derive the maximum ambient
temperature.
Example: An LT1630CS8 operating on
±15V supplies and
driving a 500
Ω, the worst-case power dissipation per
amplifier is given by:
PDMAX = (30V • 4.75mA) + (15V – 7.5V)(7.5/500)
= 0.143 + 0.113 = 0.256W
If both amplifiers are loaded simultaneously, then the total
power dissipation is 0.512W. The SO-8 package has a
junction-to-ambient thermal resistance of 190
°C/W in still
air. Therefore, the maximum ambient temperature that the
part is allowed to operate is:
TA = TJ – (PDMAX • 190°C/W)
TA = 150°C – (0.512W • 190°C/W) = 53°C
For a higher operating temperature, lower the supply
voltage or use the DIP package part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com