Electronic Components Datasheet Search
  English  ▼

X  

LT1630CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology LT1630CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1630/LT1631
TYPICAL APPLICATIONS
Figure 2. Single Supply, 40dB Gain Instrumentation Amplifier
V
VR
RR
V
A
ODC
V
()
.
= ()(
)
+
=
=
511
11
10
25
2
f
kHz
f
RC
O
O
=
=
98
1
2
π
A2
1/2 LT1630
VIN
VOUT
1630/31 F04
5V
5V
R2
1k
R9
1k
R8
5k
R11
10k
R10
10k
R6
1k
R1
500
Ω
R5
1k
R7
1k
R
1.62k
R
1.62k
C
1000pF
C
1000pF
–
+
A1
1/2 LT1630
C2
4.7
µF
C5
4.7
µF
C1
2.2
µF
1/2 LT1630
VIN
–
VIN
+
OUT1
VOUT
1630/31 F02
R1
20k
R2
2k
R4
20k
R5
432
Ω
R3
2k
1/2 LT1630
VS
LOWER LIMI
V
A
R
R
V
V
A
R
R
VV
OUT
V
OUT
V
S
T COMMON MODE INPUT VOLTAGE
V
UPPER LIMIT COMMON MODE INPUT VOLTAGE
V
WHERE V IS THE SUPPLY VOLTAGE
CML
CMH
S
=


+
=


+−
()
2
5
01
10
11
2
5
015
10
11
.
.
.
.
.
.
BW
kHz
A
R
R
R
R
RR
R
VV
V
A
V
OUT
IN
IN
V
=
=+
+
+


=
=−


+−
355
4
3
1
2
1
32
5
100
•
Single Supply, 40dB Gain, 350kHz
Instrumentation Amplifier
An instrumentation amplifier with a rail-to-rail output
swing, operating from a 3V supply can be constructed with
the LT1630 as shown in Figure 2. The amplifier has a
nominal gain of 100, which can be adjusted with resistor
R5. The DC output level is set by the difference of the two
inputs multiplied by the gain of 100. Common mode range
can be calculated by the equations shown with Figure 2.
For example, the common mode range is from 0.15V to
2.65V if the output is set at one half of the 3V supply. The
common mode rejection is greater than 110dB at 100Hz
when trimmed with resistor R1. The amplifier has a
bandwidth of 355kHz as shown in Figure 3.
Figure 3. Frequency Response
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
100
10k
100k
10M
1630/31 F03
1k
1M
COMMON MODE INPUT
DIFFERENTIAL INPUT
VS = 3V
AV = 100
Figure 5. Frequency Response
FREQUENCY (kHz)
40
20
0
–20
–40
13630/31 F05
0
20 40 60
140 160 180 200
80 100 120
INCREASING R8
DECREASING R8
Figure 4. Tunable Q Notch Filter
Tunable Q Notch Filter
A single supply, tunable Q notch filter as shown in Figure
4 is built with LT1630 to maximize the output swing. The
filter has a gain of 2, and the notch frequency (fO) is set by
the values of R and C. The resistors R10 and R11 set up the
DC level at the output. The Q factor can be adjusted by
varying the value of R8. The higher value of R8 will
decrease Q as depicted in Figure 5, because the output
induces less of feedback to amplifier A2. The value of R7
should be equal or greater than R9 to prevent oscillation.
If R8 is a short and R9 is larger than R7, then the positive
feedback from the output will create phase inversion at the
output of amplifier A2, which will lead to oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com