Electronic Components Datasheet Search
  English  ▼

X  

LT1637CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology LT1637CS8 Datasheet HTML 10Page - Linear Technology LT1637CS8 Datasheet HTML 11Page - Linear Technology LT1637CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1637
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
1637f LT/TP 0100 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1078/LT1079
Dual/Quad 55
µA Max, Single Supply, Precision Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
LT2078/LT2079
and 2.5
µV/°C Drift (Max), 200kHz GBW, 0.07V/µs Slew Rate
LT1178/LT1179
Dual/Quad 17
µA Max, Single Supply, Precison Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
LT2178/LT2179
and 4
µV/°C Drift (Max), 85kHz GBW, 0.04V/µs Slew Rate
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
µV VOS(MAX), 500V/mV AVOL(MIN), 400kHz GBW
LT1490/LT1491
Dual/Quad Over-The-Top Micropower, Rail-to-Rail Input and
Single Supply Input Range: – 0.4V to 44V, Micropower 50
µA
Output Op Amps
per Amplifier, Rail-to-Rail Input and Output, 200kHz GBW
LT1636
Single Over-The-Top Micropower Rail-to-Rail Input and Output
55
µA Supply Current, VCM Extends 44V above VEE,
Op Amp
Independent of VCC; MSOP Package, Shutdown Function
LT1638/LT1639
Dual/Quad 1.2MHz Over-The-Top Micropower, Rail-to-Rail
0.4V/
µs Slew Rate, 230µA Supply Current per Amplifier
Input and Output Op Amps
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS =55µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 200kHz, Shutdown Pin
LT1783
1.2MHz, Over-The-Top, Micropower, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS =300µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 1.2MHz, Shutdown Pin
TYPICAL APPLICATIO S
SHDN
VIN
VOUT
3V
150
Ω
0.22
µF
DROOP (LT1636 BUFFER): 200mV/s
DROOP INTO HIGH IMPEDANCE : LESS THAN 0.625mV/s
1637 TA07
–
+
LT1637
3V
–
+
LT1636
3V
0V
VSAMPLE
VOUT
2V/DIV
INPUT
SELECT
5V/DIV
0.2ms/DIV
1637 TA08
MUX Amplifier Waveforms
Sample-and-Hold
SHDN
VIN1
5kHz AT 4VP-P
INPUT SELECT
1kHz AT 5VP–P
SHDN
VIN2
10kHz AT 2VP–P
VOUT
5V
74HC04
1637 TA09
–
+
LT1637
5V
+
–
LT1637
MUX Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com