Electronic Components Datasheet Search
  English  ▼

X  

LT1676 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1676
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 1 Page - Linear Technology

  LT1676 Datasheet HTML 1Page - Linear Technology LT1676 Datasheet HTML 2Page - Linear Technology LT1676 Datasheet HTML 3Page - Linear Technology LT1676 Datasheet HTML 4Page - Linear Technology LT1676 Datasheet HTML 5Page - Linear Technology LT1676 Datasheet HTML 6Page - Linear Technology LT1676 Datasheet HTML 7Page - Linear Technology LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1676
Wide Input Range,
High Efficiency, Step-Down
Switching Regulator
s
Wide Input Range: 7.4V to 60V
s
700mA Peak Switch Current Rating
s
Adaptive Switch Drive Maintains Efficiency at High
Load Without Pulse Skipping at Light Load
s
True Current Mode Control
s
100kHz Fixed Operating Frequency
s
Synchronizable to 250kHz
s
Low Supply Current in Shutdown: 30
µA
s
Available in 8-Pin SO and PDIP Packages
s
Automotive DC/DC Converters
s
Telecom 48V Step-Down Converters
s
Cellular Phone Battery Charger Accessories
s
IEEE 1394 Step-Down Converters
The LT
®1676 is a wide input range, high efficiency Buck
(step-down) switching regulator. The monolithic die in-
cludes all oscillator, control and protection circuitry. The
part can accept input voltages as high as 60V and contains
an output switch rated at 700mA peak current. Current
mode control offers excellent dynamic input supply rejec-
tion and short-circuit protection.
The LT1676 contains several features to enhance effi-
ciency. The internal control circuitry is normally powered
via the VCC pin, thereby minimizing power drawn directly
from the VIN supply (see Applications Information). The
action of the LT1676 switch circuitry is also load depen-
dent. At medium to high loads, the output switch circuitry
maintains high rise time for good efficiency. At light loads,
rise time is deliberately reduced to avoid pulse skipping
behavior.
The available SO-8 package and 100kHz switching fre-
quency allow for minimal PC board area requirements.
Figure 1
, LTC and LT are registered trademarks of Linear Technology Corporation.
39
µF
63V
1676 F01
VIN
VCC
VSW
LT1676
FB
VC
SHDN
SYNC
2
5
4
3
7
8
1
6
GND
+
100
µF
10V
+
MBR160
36.5k
1%
5V
400mA
12.1k
1%
22k
220
µH*
2200pF
VIN
8V TO 50V
100pF
*65T #30 ON MAGNETICS
MPP #55030
ILOAD (mA)
1
60
70
80
90
10
100
1000
1676 TA01
50
40
30
20
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
Efficiency vs VIN and ILOAD
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1676

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1676 LINER-LT1676 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1676 LINER-LT1676 Datasheet
287Kb / 28P
Step-Down Switching Regulator
LT1676 LINER-LT1676_15 Datasheet
151Kb / 16P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
More results

Similar Description - LT1676

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
High Efficiency Step-Down Switching Regulator Controllers
REV.0
logo
Linear Technology
LT1776 LINER-LT1776 Datasheet
147Kb / 20P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
logo
Semtech Corporation
SC4524C SEMTECH-SC4524C Datasheet
802Kb / 21P
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Linear Technology
LT1676 LINER-LT1676_15 Datasheet
151Kb / 16P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1776 LINER-LT1776_15 Datasheet
235Kb / 20P
Wide Input Range, High Efficiency, Step-Down Switching Regulator
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com