Electronic Components Datasheet Search
  English  ▼

X  

LT1676 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1676
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology LT1676 Datasheet HTML 10Page - Linear Technology LT1676 Datasheet HTML 11Page - Linear Technology LT1676 Datasheet HTML 12Page - Linear Technology LT1676 Datasheet HTML 13Page - Linear Technology LT1676 Datasheet HTML 14Page - Linear Technology LT1676 Datasheet HTML 15Page - Linear Technology LT1676 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1676
©LINEAR TECHNOLOGY CORPORATION 1998
1676f LT/TP 0499 4K • PRINTED IN USA
TYPICAL APPLICATION
Minimum Inductor Size Application
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
C1: PANASONIC HFQ
C2: AVX D CASE TPSD107M010R0080
C4, C5: X7R OR COG/NPO
C1
12
µF
63V
1676 TA02
VIN
12V TO
48V
+
C2
100
µF
10V
+
D1
R1
36.5k
1%
VOUT
5V
0mA to 150mA
R2
12.1k
1%
R3
22k
5%
L1
220
µH
C3
2200pF
X7R
C4
100pF
C5
100pF
D1: MOTOROLA 100V, 1A, SMD SCHOTTKY
MBRS1100 (T3)
L1: COILCRAFT DO1608C-224
FOR 3.3V VOUT VERSION:
IOUT: 0mA TO 200mA
L1: 150
µH, DO1608C-154
R1: 24.3K, R2: 14.7k
VCC
VSW
LT1676
FB
VC
SYNC
2
5
4
3
7
8
1
6
GND
VIN
SHDN
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1076
2A, 100kHz Step-Down Switching Regulator
Operation Up to 45V Input (64V for HV Version)
LT1149
High Efficiency Synchronous Step-Down Switching Regulator
Operation Up to 48V Input, 95% Efficiency, 100% Duty Cycle
LT1176
1.2A, 100kHz Step-Down Switching Regulator
Operation Up to 38V Input, Adjustable and Fixed 5V Versions
LT1339
High Power Synchronous DC/DC Controller
Operation Up to 60V, High Power Anti-Shoot-Through Drivers
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
Operation Up to 25V Input, Synchronizable (LT1375)
LT1620
Rail-to-Rail Current Sense Amplifier
Transforms Switching Regulators Into High Efficiency
Battery Chargers
LT1776
Wide Input Range, High Efficiency, Step-Down
LT1676 with 200kHz Switching Frequency (High Current
Switching Regulator
Applications Generally Restricted to
≤40V)
LT1777
Low Noise Buck Regulator
Operation up to 48V, Controlled Voltage and Current Slew Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com