Electronic Components Datasheet Search
  English  ▼

X  

LT1680 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 1 Page - Linear Technology

  LT1680 Datasheet HTML 1Page - Linear Technology LT1680 Datasheet HTML 2Page - Linear Technology LT1680 Datasheet HTML 3Page - Linear Technology LT1680 Datasheet HTML 4Page - Linear Technology LT1680 Datasheet HTML 5Page - Linear Technology LT1680 Datasheet HTML 6Page - Linear Technology LT1680 Datasheet HTML 7Page - Linear Technology LT1680 Datasheet HTML 8Page - Linear Technology LT1680 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1680
High Power DC/DC
Step-Up Controller
s
High Voltage: Operation Up to 60V Max
s
High Current: N-Channel Drive Handles Up to
10,000pF Gate Capacitance
s
Programmable Average Current Limiting
s
5V Reference Output with 10mA External
Loading Capability
s
Fixed Frequency Current Mode Operation
s
Oscillator Synchronizable Up to 200kHz
s
Undervoltage Lockout with Hysteresis
s
Programmable Start Inhibit for Power Supply
Sequencing and Protection
s
User Adjustable Slope Compensation
FEATURES
DESCRIPTION
The LT
®1680 is a high power, current mode switching
power supply controller optimized for boost topologies.
The IC drives N-channel MOSFET switches for DC/DC
converters in applications up to 60V input. A high current
gate drive output handles up to 10,000pF gate capaci-
tance, enabling the construction of high power DC/DC
converters. Current sense common mode range up to 60V
allows current sensing to be referenced to the input
supply, eliminating the need for sense blanking circuits.
The LT1680 incorporates programmable average current
limiting allowing accurate limiting of DC current in the
magnetics, independent of ripple current . User adjustable
slope compensation provides stable operation at duty
cycles up to 90%.
The LT1680 operating frequency is programmable and
can be synchronized up to 200kHz. Minimum off-time
operation provides switch protection. The IC also incorpo-
rates a soft start feature that is gated by both shutdown
and undervoltage lockout conditions.
APPLICATIONS
s
High Power Single Board Systems
s
Distributed Power Converters
s
Industrial Control Systems
s
Lead-Acid Battery Back-Up Systems
s
Automotive and Heavy Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SL/ADJ
CT
IAVG
SS
VC
SGND
VFB
VREF
5VREF
SYNC
12VIN
GATE
PGND
RUN/SHDN
SENSE –
SENSE +
+
LT1680
MBR0520
RCT
15k
R7
2k
RVC 4.7k
1N914
CCT
1nF
C3 2.2nF
CVC 4.7nF
C4 0.22
µF
C2
1
µF
C11 1nF
1680 TA01
C6 0.1
µF
R6
75k
R9
100k
C12
1
µF
M1
IRFZ44
×3
D1
MBR20100CT
×2
+
CIN
680
µF
25V
×4
COUT
680
µF
63V
×3
VOUT
48V
5.2A
L1
25
µH
RSENSE
0.005
Ω
12VIN
10V TO 15V
24A (DC)
+
L1: Kool M
µ®, 18T #14 ON 77314-A7
Kool M
µ IS A REGISTERED TRADEMARK OF MAGNETICS, INC.
12V to 48V, 250W Boost
OUTPUT POWER (W)
0
90
95
100
200
1680 TA02
85
80
75
50
100
150
250
VOUT = 48V
Efficiency vs Output Power


Similar Part No. - LT1680

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
High Power DC/DC Step-Up Controller
More results

Similar Description - LT1680

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
Linear Technology
LT1680 LINER-LT1680_15 Datasheet
228Kb / 16P
High Power DC/DC Step-Up Controller
logo
Asahi Kasei Microsystem...
AP3603 AKM-AP3603 Datasheet
796Kb / 18P
High Power Dual Output Step-Up DC-DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com