Electronic Components Datasheet Search
  English  ▼

X  

LT1680 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1680 Datasheet HTML 8Page - Linear Technology LT1680 Datasheet HTML 9Page - Linear Technology LT1680 Datasheet HTML 10Page - Linear Technology LT1680 Datasheet HTML 11Page - Linear Technology LT1680 Datasheet HTML 12Page - Linear Technology LT1680 Datasheet HTML 13Page - Linear Technology LT1680 Datasheet HTML 14Page - Linear Technology LT1680 Datasheet HTML 15Page - Linear Technology LT1680 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1680
APPLICATIONS INFORMATION
Setting the resistor divider reference voltage to 2V assures
that the additional compensation waveform will be en-
abled at a 75% duty cycle. As shown in Figure 11a, using
RSL1 = 45k and RSL2 = 30k sets the desired reference
voltage and has a RTH of 18k, which meets both design
requirements. Figure 11b shows the slope compensation
effective waveforms both with and without the SL/ADJ
external resistors.
In a typical LT1680 boost converter, the switch current is
equal to the inductor current, but is chopped according to
duty cycle (DC). The conduction loss (PLOSS) for a given
FET RDS(ON) can be calculated using the relation:
PLOSS ≈ (DC)(RDS(ON))(IAVG2 + [∆I2/12])
where IAVG = average inductor current and ∆I = peak-to-
peak inductor ripple current.
The output diode is often a major source of power loss in
switching regulators and selection of adequately rated
diodes is important. In a boost converter, when the output
voltage is significantly higher than the input voltage, the
peak diode current becomes much higher than average
output currents and diode current ratings must be ob-
served with caution. The peak diode current is:
ID(PEAK) = IAVG + ∆I/2
and the average power dissipation (PD) in the diode is:
PD = (IOUT)(Vf)
where Vf is the forward voltage of the diode at peak
current. The output diode must also be rated for maximum
reverse voltages exceeding VOUT.
CIN and COUT Supply Decoupling Capacitor Selection
The large currents typical of LT1680 applications require
special consideration for the regulator input and output
supply decoupling capacitors.
Under normal steady state boost operation, output current
provided by the converter is a square wave of duty cycle VIN/
VOUT, the average value being equal to the required DC load
current (IOUT). The continuity of the load current is main-
tained by the output bypass capacitors. To prevent exces-
sive output voltage ripple and undue capacitor heating (and
associated catastrophic failure), low ESR output capacitors
sized for the maximum RMS current must be used. This
maximum capacitor RMS current follows the relation:
II
V
V
RMS
OUT
OUT
IN
≈


–
/
1
12
Capacitor ripple current ratings are often based on only 2000
hours (3 months) lifetime; it is advisable to derate either the
ESR or temperature rating of capacitors for increased MTBF.
Figure 11a. External Slope Compensation Resistors
16
1
RSL1
45k
RSL2
30k
1680 F11a
5VREF
SL/ADJ
LT1680
(0.084 + 0.139)(fO)
RSENSE
(0.084)(fO)
RSENSE
2.5V
2V
0.8V
DC = 0.75
1680 F11b
Figure 11b. Slope Compensation Waveforms
Power MOSFET and Output Rectifying Diode Selection
LT1680 converter system parameters that dictate selec-
tion criteria for the switch MOSFET and output rectifying
diode include maximum load current (IOUT), inductor
average current (IAVG) and inductor ripple current (∆I),
and maximum input and output voltages.
The switch MOSFETs selected must have a maximum
operating VDSS exceeding the maximum output voltage
(VOUT). VGS rated operating maximums must exceed the
12VIN supply voltage. Once voltage requirements have
been determined, switch conduction resistance (RDS(ON))
can be determined based on allowable power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com