Electronic Components Datasheet Search
  English  ▼

X  

LT1719 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1719
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1719 Datasheet HTML 8Page - Linear Technology LT1719 Datasheet HTML 9Page - Linear Technology LT1719 Datasheet HTML 10Page - Linear Technology LT1719 Datasheet HTML 11Page - Linear Technology LT1719 Datasheet HTML 12Page - Linear Technology LT1719 Datasheet HTML 13Page - Linear Technology LT1719 Datasheet HTML 14Page - Linear Technology LT1719 Datasheet HTML 15Page - Linear Technology LT1719 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1719
1719f LT/TP 0300 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
High Performance Sine Wave
to Square Wave Converter
Propagation delay of comparators is typically specified for
a 100mV step with some fraction of that for overdrive. But
in many signal processing applications, such as in com-
munications, the goal is to convert a sine wave, such as a
carrier, to a square wave for use as a timing clock. The
desired behavior is for the output timing to be dependent
on the input timing only. No phase shift should occur as a
function of the input amplitude, which would result in AM
to FM conversion.
The circuit of Figure 8a is a simple LT1719-based sine
wave to square wave converter. The
±5V supplies on the
input allow very large swing inputs, while the 3V logic
supply keeps the output swing small to minimize cross
talk. Figure 8b shows the time delay vs input amplitude
with a 10MHz sine wave. The LT1719 delay changes just
0.65ns over the 26dB amplitude range; 2.33
° at 10MHz.
The delay is particularly flat yielding excellent AM rejection
Figure 8a. LT1719-Based Sine Wave to Square Wave Converter
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
UltraFast Precision Comparator
Industry Standard 10ns Comparator
LT1116
12ns Single Supply Ground-Sensing Comparator
Single Supply Version of LT1016
LT1394
7ns, UltraFast, Single Supply Comparator
6mA Single Supply Comparator
LT1671
60ns, Low Power, Single Supply Comparator
450
µA Single Supply Comparator
LT1720/LT1721
Dual/Quad 4.5ns, Single Supply 3V/5V Comparator
Dual/Quad Comparator Similar to the LT1719
RELATED PARTS
from 0dBm to 15dBm. If a 2:1 transformer is used to drive
the input differentially, this exceptionally flat zone spans
– 5dBm to 10dBm, a common range for RF signal levels.
Similar delay performance is achieved with input frequen-
cies as high as 50MHz. There is, however, some additional
encroachment into the central flat zone by both the small
amplitude and large amplitude variations.
With small input signals, the hysteresis and dispersion
make the LT1719 act like a comparator with a 12mV
hysteresis span. In other words, a 12mVP-P sine wave at
10MHz will barely toggle the LT1719, with 90
°ofphaselag
or 25ns additional delay.
Above 5VP-P at 10MHz, the LT1719 delay starts to de-
crease due to internal capacitive feed-forward in the input
stage. Unlike some comparators, the LT1719 will not
falsely anticipate a change in input polarity, but the feed-
forward is enough to make a transition propagate through
the LT1719 faster once the input polarity does change.
LT1719
50
Ω
1719 F08a
SINE WAVE
INPUT
SQUARE WAVE
OUTPUT
5V
–5V
3V
INPUT AMPLITUDE (dBm)
–5
0
1
2
3
4
5
0
510
15
1719 F08b
20
25
632mVP-P
2VP-P
6.32VP-P
25
°C
VCC = 5V
VEE = – 5V
+VS = 3V
10MHz
Figure 8b. Time Delay vs Sine Wave Input Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com