Electronic Components Datasheet Search
  English  ▼

X  

LT1719 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1719
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719 Datasheet(HTML) 3 Page - Linear Technology

  LT1719 Datasheet HTML 1Page - Linear Technology LT1719 Datasheet HTML 2Page - Linear Technology LT1719 Datasheet HTML 3Page - Linear Technology LT1719 Datasheet HTML 4Page - Linear Technology LT1719 Datasheet HTML 5Page - Linear Technology LT1719 Datasheet HTML 6Page - Linear Technology LT1719 Datasheet HTML 7Page - Linear Technology LT1719 Datasheet HTML 8Page - Linear Technology LT1719 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1719
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tJITTER
Output Timing Jitter
VIN = 1.2VP-P (6dBm), ZIN = 50Ω
tPD+
15
psRMS
f = 20MHz
tPD
–
11
psRMS
fMAX
Maximum Toggle Frequency
VOVERDRIVE = 50mV, +VS = 3V
70
MHz
VOVERDRIVE = 50mV, +VS = 5V
62.5
MHz
tOFF
Turn-Off Delay
Time to ZOUT ≥10kΩ
75
ns
tON
Wake-Up Delay
Time to VOH or VOL, ILOAD = 1mA
350
ns
ICC
Positive Input Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
1.0
2.2
mA
+VS = VCC = 3V, VEE = 0V
q
0.9
1.8
mA
IEE
Negative Input Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
– 4.8
– 2.6
mA
+VS = VCC = 3V, VEE = 0V
q
– 3.8
– 2.2
mA
IS
Positive Output Stage Supply Current
+ VS = VCC = 5V, VEE = – 5V
q
4.2
8
mA
VS = VCC = 3V, VEE = 0V
q
3.3
6
mA
ICCS
Disabled Supply Currents
+ VS = 6V, VCC = 5V, VEE = – 5V
q
0.2
30
µA
ISS
VSHDN = 5.5V
q
750
µA
IEES
q
– 30
– 0.2
µA
ICCSO
+VS = 6V, VCC = 5V, VEE = – 5V
q
0.1
20
µA
ISSO
Shutdown Pin Open
q
0.1
20
µA
IEEO
q
– 20
0.1
µA
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, +VS = 5V, VCM = 1V, COUT = 10pF, VSHDN = 0.5V,
VOVERDRIVE = 20mV, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: If one input is within these common mode limits, the other
input can go outside the common mode limits and the output will be
valid.
Note 3: The LT1719 comparator includes internal hysteresis. The trip
points are the input voltage needed to change the output state in each
direction. The offset voltage is defined as the average of VTRIP+ and
VTRIP–, while the hysteresis voltage is the difference of these two.
Note 4: The common mode rejection ratio is measured with VCC = 5V,
VEE = – 5V and is defined as the change in offset voltage measured from
VCM = – 5.1V to VCM = 3.8V, divided by 8.9V.
Note 5: The power supply rejection ratio is measured with VCM = 1V
and is defined as the worst of: the change in offset voltage from
VEE = – 5V to VEE = 0V divided by 5V, or the change in offset voltage
from VCC = + VS = 2.7V to VCC = + VS = 6V (with VEE = 0V) divided by
3.3V.
Note 6: Because of internal hysteresis, there is no small-signal region
in which to measure gain. Proper operation of internal circuity is
ensured by measuring VOH and VOL with only 10mV of overdrive.
Note 7: Propagation delay measurements made with 100mV steps.
Overdrive is measured relative to VTRIP±.
Note 8: tPD cannot be measured in automatic handling equipment with
low values of overdrive. The LT1719 is 100% tested with a 100mV
step and 20mV overdrive. Correlation tests have shown that tPD limits
can be guaranteed with this test, if additional DC tests are performed
to guarantee that all internal bias conditions are correct.
Note 9: Propagation Delay Skew is defined as:
tSKEW = |tPDLH – tPDHL|
PIN FUNCTIONS
VCC (Pin 1): Positive Supply Voltage for Input Stage.
+ IN (Pin 2): Noninverting Input of Comparator.
– IN (Pin 3): Inverting Input of Comparator.
VEE (Pin 4): Negative Supply Voltage for Input Stage and
Chip Substrate.
GND (Pin 5): Ground.
SHDN (Pin 6): Shutdown. Pull to ground to enable
comparator.
OUT (Pin 7): Output of Comparator.
+VS (Pin 8): Positive Supply Voltage for Output Stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com