Electronic Components Datasheet Search
  English  ▼

X  

LT1721CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1721CS
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1721CS Datasheet HTML 8Page - Linear Technology LT1721CS Datasheet HTML 9Page - Linear Technology LT1721CS Datasheet HTML 10Page - Linear Technology LT1721CS Datasheet HTML 11Page - Linear Technology LT1721CS Datasheet HTML 12Page - Linear Technology LT1721CS Datasheet HTML 13Page - Linear Technology LT1721CS Datasheet HTML 14Page - Linear Technology LT1721CS Datasheet HTML 15Page - Linear Technology LT1721CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LT1720/LT1721
Technology’s rail-to-rail amplifiers and other products.
But the output of a comparator is digital, and this output
stage can drive TTL or CMOS directly. It can also drive ECL,
as described earlier, or analog loads as demonstrated in
the applications to follow.
The bias conditions and signal swings in the output stages
are designed to turn their respective output transistors off
faster than on. This nearly eliminates the surge of current
from VCC to ground that occurs at transitions, keeping the
power consumption low even with high output-toggle
frequencies.
The low surge current is what keeps the power consump-
tion low at high output-toggle frequencies. The frequency
dependence of the supply current is shown in the Typical
Performance Characteristics. Just 20pF of capacitive load
on the output more than triples the frequency dependent
rise. The slope of the no-load curve is just 32
µA/MHz. With
a 5V supply, this current is the equivalent of charging and
discharging just 6.5pF. The slope of the 20pF load curve is
133
µA/MHz, an addition of 101µA/MHz, or 20µA/MHz-V,
units that are equivalent to picoFarads.
The LT1720/LT1721 dynamic current can be estimated by
adding the external capacitive loading to an internal equiva-
lent capacitance of 5pF to 15pF, multiplied by the toggle
frequency and the supply voltage. Because the capaci-
tance of routing traces can easily approach these values,
the dynamic current is dominated by the load in most
circuits.
APPLICATIONS INFORMATION
Circuit Description
The block diagram of one comparator in the LT1720/LT1721
is shown in Figure 6. There are differential inputs
(+ IN/– IN), an output (OUT), a single positive supply (VCC)
and ground (GND). All comparators are completely inde-
pendent, sharing only the power and ground pins. The
circuit topology consists of a differential input stage, a
gain stage with hysteresis and a complementary
common-emitter output stage. All of the internal signal
paths utilize low voltage swings for high speed at low power.
The input stage topology maximizes the input dynamic
range available without requiring the power, complexity
and die area of two complete input stages such as are
found in rail-to-rail input comparators. With a 2.7V supply,
the LT1720/LT1721 still have a respectable 1.6V of input
common mode range. The differential input voltage range
is rail-to-rail, without the large input currents found in
competing devices. The input stage also features phase
reversal protection to prevent false outputs when the
inputs are driven below the –100mV common mode
voltage limit.
The internal hysteresis is implemented by positive, nonlin-
ear feedback around a second gain stage. Until this point,
the signal path has been entirely differential. The signal
path is then split into two drive signals for the upper and
lower output transistors. The output transistors are con-
nected common emitter for rail-to-rail output operation.
The Schottky clamps limit the output voltages at about
300mV from the rail, not quite the 50mV or 15mV of Linear
–
+
–
+
–
+
–
+
+IN
–IN
AV1
AV2
NONLINEAR STAGE
OUT
GND
1720/21 F06
VCC
+
Σ
+
Σ
Figure 6. LT1720/LT1721 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com