Electronic Components Datasheet Search
  English  ▼

X  

LT1721CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1721CS
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1721CS Datasheet HTML 11Page - Linear Technology LT1721CS Datasheet HTML 12Page - Linear Technology LT1721CS Datasheet HTML 13Page - Linear Technology LT1721CS Datasheet HTML 14Page - Linear Technology LT1721CS Datasheet HTML 15Page - Linear Technology LT1721CS Datasheet HTML 16Page - Linear Technology LT1721CS Datasheet HTML 17Page - Linear Technology LT1721CS Datasheet HTML 18Page - Linear Technology LT1721CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LT1720/LT1721
APPLICATIONS INFORMATION
56% low duty cycle, sufficient to allow 2ns between the
high pulses. Figure 10 shows the two outputs.
The optional A1 feedback network shown can be used to
force identical output duty cycles. The steady state duty
cycles of both outputs will be 44%. Note, though, that the
addition of this network only adjusts the percentage of
time each output is high to be the same, which can be
important in switching circuits requiring identical settling
times. It cannot adjust the relative phases between the two
outputs to be exactly 180° apart, because the signal at the
input node driven by the crystal is not a pure sinusoid.
SUPPLY VOLTAGE (V)
2.5
4.5
6.0
1000
800
600
400
200
0
1720/21 F08
3.5
5.5
3.0
4.0
5.0
Figure 8. Timing Skew of Figure 7’s Circuit
–
+
–
+
–
+
C1
1/2 LT1720
C2
1/2 LT1720
A1
LT1636
VCC
2.7V TO 6V
2k
620
Ω
220
Ω
10MHz
CRYSTAL (AT-CUT)
100k
100k
2.2k
1.3k
2k
1k
1720/21 F09
0.1
µF
0.1
µF
0.1
µF
OUTPUT 0
OUTPUT 1
GROUND
CASE
OPTIONAL—
SEE TEXT
Figure 9. Crystal-Based Nonoverlapping 10MHz Clock Generator
20ns/DIV
Q0
2V/DIV
Q1
2V/DIV
Figure 10. Nonoverlapping Outputs of Figure 9's Circuit
applications. This circuit works well because of the two
matched delays and rail-to-rail style outputs of the LT1720.
The circuit in Figure 9 shows a crystal oscillator circuit that
generates two nonoverlapping clocks by making full use of
the two independent comparators of the LT1720.
C1 oscillates as before, but with a lower reference level,
C2’s output will toggle at different times. The resistors set
the degree of separation between the output’s high pulses.
With the values shown, each output has a 44% high and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com