Electronic Components Datasheet Search
  English  ▼

X  

LT1777 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1777
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1777 Datasheet HTML 15Page - Linear Technology LT1777 Datasheet HTML 16Page - Linear Technology LT1777 Datasheet HTML 17Page - Linear Technology LT1777 Datasheet HTML 18Page - Linear Technology LT1777 Datasheet HTML 19Page - Linear Technology LT1777 Datasheet HTML 20Page - Linear Technology LT1777 Datasheet HTML 21Page - Linear Technology LT1777 Datasheet HTML 22Page - Linear Technology LT1777 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1777
TYPICAL APPLICATIONS
Basic 3.3V Output Application
Figure 10 shows a circuit similar to the previous example,
but modified for a 3.3V output. Once again, Efficiency and
Internal Power Dissipation graphs are shown in Figure 11
for input voltages of 12V, 24V and 36V, and for sense
inductor values of 0
µH, 1µH and 2.2µH. It is interesting to
note that internal LT1777 dissipation is very close to the
5V example. This confirms the fact that internal LT1777
dissipation is largely determined by input voltage, load
current and sense inductor, and is only a weak function of
output voltage.
The data as shown were performed using an off-the-shelf
Coilcraft DO3316-154 as the main inductor. This is a cost-
effective inductor using an open style of construction. For
a toroidal style inductor, the Coiltronics CTX150-4 or
similar may be substituted.
+
VIN
VCC
VSW
LT1777
VD
SHDN
SYNC
4
10
7
6
D1
L1
0
µH TO 2.2µH
(SEE BELOW)
L2
150
µH
C2
100
µF
10V
R1
20k
1%
1777 F10
VOUT
3.3V
R2
12.1k
1%
5
3
VIN
10V TO 40V
12
14
13
VC
FB
SGND
+
C1
39
µF
63V
R3
12k
C3
2200pF
C4
100pF
C1: PANASONIC HFQ ELECTROLYTIC
C2: AVX D CASE TPSD107M010R0080
C3, C4, C5: NPO OR X7R
C6, C7: Z5U
D1: MOTOROLA 100V, 1A SMD SCHOTTKY
MBRS1100
L1: SENSE INDUCTOR CAN VARY FROM 0
µH TO 2.2µH
AS PER APPLICATION. GRAPHICAL DATA TAKEN WITH:
1
µH = D01608C-102, COILCRAFT OR SIMILAR
2.2
µH = D01608C-222, COILCRAFT OR SIMILAR (SEE TEXT)
L2: COILCRAFT D03316-154 OR SIMILAR (SEE TEXT)
C5
100pF
C6
0.1
µF
C7
0.1
µF
Figure 10. Basic 3.3V Output Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com