Electronic Components Datasheet Search
  English  ▼

X  

LT1777C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1777C
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1777C Datasheet HTML 12Page - Linear Technology LT1777C Datasheet HTML 13Page - Linear Technology LT1777C Datasheet HTML 14Page - Linear Technology LT1777C Datasheet HTML 15Page - Linear Technology LT1777C Datasheet HTML 16Page - Linear Technology LT1777C Datasheet HTML 17Page - Linear Technology LT1777C Datasheet HTML 18Page - Linear Technology LT1777C Datasheet HTML 19Page - Linear Technology LT1777C Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LT1777
As an example, assume that the capacitance between the
VSW node and a high impedance pin node is 0.1pF, and that
the high impedance node in question exhibits a capaci-
tance of 1pF to ground. Also assume a “typical” 36VIN to
5VOUT application. Due to the large voltage excursion at
the VSW node, this will couple a 3.5V(!) transient to the
high impedance pin, causing abnormal operation. An
explicit 100pF capacitor added to the node will reduce the
amplitude of the disturbance to more like 35mV (although
settling
time will increase).
APPLICATIONS INFORMATION
Specific pin recommendations are as follows:
SHDN: If unused, add a 100pF capacitor to ground.
SYNC: Ground if unused.
VC: Add a capacitor directly to ground in addition to the
explicit compensation network. A value of one-tenth of
the main compensation capacitor is recommended, up
to a maximum of 100pF.
FB: Assuming the VC pin is handled properly, this pin
usually requires no explicit capacitor of its own, but
keep this node physically small to minimize stray
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com