Electronic Components Datasheet Search
  English  ▼

X  

LT1777C Datasheet(PDF) 21 Page - Linear Technology

Part # LT1777C
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777C Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1777C Datasheet HTML 16Page - Linear Technology LT1777C Datasheet HTML 17Page - Linear Technology LT1777C Datasheet HTML 18Page - Linear Technology LT1777C Datasheet HTML 19Page - Linear Technology LT1777C Datasheet HTML 20Page - Linear Technology LT1777C Datasheet HTML 21Page - Linear Technology LT1777C Datasheet HTML 22Page - Linear Technology LT1777C Datasheet HTML 23Page - Linear Technology LT1777C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1777
Optional Input/Output Filtering
When minimum
conducted noise is required, it is often
advantageous to add an explicit input and/or output filter
to the topology. This can be a cost-effective way to reduce
conducted noise on the input or output node by an order
of magnitude or more. The exact details involved are a bit
lengthy, so the user is referred to the thorough treatments
in Application Notes AN19 and AN44. However, an ex-
ample will be given to illustrate the principles involved.
Figure 12 shows the previous “Basic 5V Output Applica-
tion” modified with an additional input inductor and an
output L/C combination. The dramatic improvement in
noise performance is seen in the accompanying oscillo-
scope photos shown in Figures 13 and 14. Operating
conditions are VIN = 24V, IOUT = 400mA. The pair of scope
photos in Figure 13 show the response at the input node,
before and after the additional 33
µHinductorisadded.The
upper waveform shows an AC-coupled version of the
output voltage at 50mV/DIV, and the lower waveform is a
DC-coupled representation of current into the node at
50mA/DIV. Input voltage ripple is seen to decrease from
100mVP-P to perhaps 10mVP-P. Ripple current is also seen
to decrease dramatically. (This improvement in AC ripple
current actually affects
radiated magnetic noise.)
The next pair of scope photos in Figure 14 show an
AC-coupled version of the output node at 2mV/DIV.
Voltage ripple is seen to be originally about 12mVP-P, with
most of the energy in the lowest harmonics. After the
addition of a 4.7
µH inductor and a second 100µF output
capacitor, ripple is about 200
µVP-P.
These input and output inductor requirements are typically
not very difficult to achieve, and inexpensive open style
DO1608C types were used in this example. Once again,
more costly closed-construction style inductors may be
employed, but these are usually not necessary, as the AC
fields generated by these inductors are typically small.
TYPICAL APPLICATIONS
Figure 13. Input Node Ripple
+
VIN
VCC
VSW
LT1777
VD
SHDN
SYNC
4
10
7
6
D1
L4
4.7
µH
L3
33
µH
1777 F12
VOUT
5
3
VIN
12
14
13
VC
FB
SGND
+
C8
100
µF
10V
+
ADDITIONAL FILTER COMPONENTS
L3: COILCRAFT D01608C-333 OR SIMILAR
L4: COILCRAFT D01608C-472 OR SIMILAR
C8: AVX D CASE TPSD107M010R0080
Figure 12. Basic 5V Application with Optional Input/Output Filters
2
µs/DIV
VIN NODE VOLTAGE
AC COUPLED
50mV/DIV
1777 F13b
(b) After Input Inductor
GND, CH2
VIN NODE CURRENT
DC COUPLED
50mA/DIV
2
µs/DIV
VIN NODE VOLTAGE
AC COUPLED
50mV/DIV
VIN NODE CURRENT
DC COUPLED
50mA/DIV
GND, CH2
1777 F13a
(a) Before Input Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com