Electronic Components Datasheet Search
  English  ▼

X  

LT1720CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1720CS8
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1720CS8 Datasheet HTML 1Page - Linear Technology LT1720CS8 Datasheet HTML 2Page - Linear Technology LT1720CS8 Datasheet HTML 3Page - Linear Technology LT1720CS8 Datasheet HTML 4Page - Linear Technology LT1720CS8 Datasheet HTML 5Page - Linear Technology LT1720CS8 Datasheet HTML 6Page - Linear Technology LT1720CS8 Datasheet HTML 7Page - Linear Technology LT1720CS8 Datasheet HTML 8Page - Linear Technology LT1720CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1720/LT1721
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
TOP VIEW
VCC
OUT A
OUT B
GND
+IN A
–IN A
–IN B
+IN B
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 200°C/ W
(Note 1)
Supply Voltage, VCC to GND ...................................... 7V
Input Current ......................................................
±10mA
Output Current (Continuous) .............................
±20mA
Junction Temperature ........................................... 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
+IN A
–IN A
–IN B
+IN B
8
7
6
5
VCC
OUT A
OUT B
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD NARROW
PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
–IN A
+IN A
GND
OUT A
OUT B
GND
+IN B
–IN B
–IN D
+IN D
VCC
OUT D
OUT C
VCC
+IN C
–IN C
LT1720CMS8
MS8
PART MARKING
LTDS
TJMAX = 150°C, θJA = 230°C/ W
TJMAX = 150°C, θJA = 135°C/ W (GN)
TJMAX = 150°C, θJA = 115°C/ W (S)
ORDER PART
NUMBER
LT1721CGN
LT1721CS
LT1721IGN
LT1721IS
ORDER PART
NUMBER
LT1720CS8
LT1720IS8
S8
PART MARKING
1720
1720I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
2.7
6
V
VCMR
Common Mode Voltage Range
(Note 2)
q
– 0.1
VCC – 1.2
V
VTRIP+
Input Trip Points
(Note 3)
– 2.0
5.5
mV
q
– 3.0
6.5
mV
VTRIP–
Input Trip Points
(Note 3)
– 5.5
2.0
mV
q
– 6.5
3.0
mV
VOS
Input Offset Voltage
(Note 3)
1.0
3.0
mV
q
4.5
mV
VHYST
Input Hysteresis Voltage
(Note 3)
q
2.0
3.5
5.0
mV
∆VOS/∆T
Input Offset Voltage Drift
q
10
µV/°C
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 5V, VCM = 1V, COUT = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.
Storage Temperature Range ................. – 65
°C to 150°C
Operating Temperature Range
C Grade .................................................. 0
°C to 70°C
I Grade .............................................. – 40
°C to 85°C
GN
PART MARKING
1721
1721I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com