Electronic Components Datasheet Search
  English  ▼

X  

LT1720CS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1720CS8
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720CS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1720CS8 Datasheet HTML 18Page - Linear Technology LT1720CS8 Datasheet HTML 19Page - Linear Technology LT1720CS8 Datasheet HTML 20Page - Linear Technology LT1720CS8 Datasheet HTML 21Page - Linear Technology LT1720CS8 Datasheet HTML 22Page - Linear Technology LT1720CS8 Datasheet HTML 23Page - Linear Technology LT1720CS8 Datasheet HTML 24Page - Linear Technology LT1720CS8 Datasheet HTML 25Page - Linear Technology LT1720CS8 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1720/LT1721
APPLICATIONS INFORMATION
Figure 19. A 3ns Coincidence Detector
5V
3.9k
1k
0.1
µF
51
Ω
51
Ω
300
Ω
300
Ω
5V
5V
4
× 1N5711
MRF501
OUTPUT
GROUND
CASE LEAD
COINCIDENCE COMPARATORS
300ps AND GATE
1720/21 F19
1/2 LT1720
–
+
1/2 LT1720
Coincidence Detector
High speed comparators are especially suited for interfac-
ing pulse-output transducers, such as particle detectors,
to logic circuitry. The matched delays of a monolithic dual
are well suited for those cases where the coincidence of
two pulses needs to be detected. The circuit of Figure 19
is a coincidence detector that uses an LT1720 and discrete
components as a fast AND gate.
The reference level is set to 1V, an arbitrary threshold. Only
when both input signals exceed this will a coincidence be
detected. The Schottky diodes from the comparator out-
puts to the base of the MRF-501 form the AND gate, while
the other two Schottkys provide for fast turn-off. A logic
AND gate could instead be used, but would add consider-
ably more delay than the 300ps contributed by this dis-
crete stage.
This circuit can detect coincident pulses as narrow as 3ns.
For narrower pulses, the output will degrade gracefully,
responding, but with narrow pulses that don’t rise all the
way to “high” before starting to fall. The decision delay is
4.5ns with input signals 50mV or more above the refer-
ence level. This circuit creates a TTL compatible output but
it can typically drive CMOS as well.
For a more detailed description of the operation of this
circuit, see Application Note 75, pages 10 and 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com