Electronic Components Datasheet Search
  English  ▼

X  

UPD754264 Datasheet(PDF) 46 Page - NEC

Part # UPD754264
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754264 Datasheet(HTML) 46 Page - NEC

Back Button UPD754264 Datasheet HTML 42Page - NEC UPD754264 Datasheet HTML 43Page - NEC UPD754264 Datasheet HTML 44Page - NEC UPD754264 Datasheet HTML 45Page - NEC UPD754264 Datasheet HTML 46Page - NEC UPD754264 Datasheet HTML 47Page - NEC UPD754264 Datasheet HTML 48Page - NEC UPD754264 Datasheet HTML 49Page - NEC UPD754264 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
µPD754264
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Resonator
Recommended Constant
Parameter
Testing Conditions
MIN.
TYP.
MAX.
Unit
Ceramic
Oscillation
1.0
6.0Notes2, 3, 4
MHz
resonator
frequency (fX)Note1
Oscillation
After VDD reaches MIN.
4
ms
stabilization
value of oscillation
timeNote 5
voltage range
Crystal
Oscillation
1.0
6.0Notes2, 3, 4
MHz
resonator
frequency(fX)Note1
Oscillation
VDD = 4.5 to 6.0 V
10
ms
stabilization timeNote3
30
ms
External
X1 input
1.0
6.0Notes2, 3, 4
MHz
clock
frequency (fX)Note1
X1 input high- and
83.3
500
ns
low-level widths
(tXH, tXL)
Notes 1. Only the oscillator characteristics are shown. For the instruction execution time, refer to AC Character-
istics.
2. If the oscillation frequency is 2.1 MHz < fX
≤ 4.19 MHz at 1.8 V ≤ VDD < 2.0 V, set the processor control register
(PCC) to a value other than 0011. If the PCC is set to 0011, the rated machine cycle time of 1.9
µs is not
satisfied.
3. If the oscillation frequency is 4.19 MHz < fX
≤ 6.0 MHz at 1.8 V≤ VDD < 2.0 V, set the processor control register
(PCC) to a value other than 0011 or 0010. If the PCC is set to 0011 or 0010, the rated machine cycle time
of 1.9
µs is not satisfied.
4. If the oscillation frequency is 4.19 MHz < fX
≤ 6.0 MHz at 2.0 V≤ VDD < 2.7 V, set the processor control register
(PCC) to a value other than 0011. If the PCC is set to 0011, the rated machine cycle time of 0.95
µs is not
satisfied.
5. Oscillation stabilization time is a time required for oscillation to stabilize after application of VDD,
or after the STOP mode has been released.
Caution
When using the oscillation circuit of the system clock, wire the portion enclosed in dotted lines
in the figures as follows to avoid adverse influences on the wiring capacitance:
• Keep the wire length as short as possible.
• Do not cross other signal lines.
• Do not route the wiring in the vicinity of lines though which a high fluctuating current flows.
• Always keep the ground point of the capacitor of the oscillation circuit as the same potential as
VSS.
• Do not connect the power source pattern through which a high current flows.
• Do not extract signals from the oscillation circuit.
X1
X2
C1
C2
X1
X2
C1
C2
X1
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com