Electronic Components Datasheet Search
  English  ▼

X  

TS4448RW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RW
Description  350mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4448RW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Typ
Max
Min
Typ
Max
L
2.4
-
2.6
0.094
-
0.102
W
1.1
-
1.3
0.043
-
0.051
T
0.7
-
0.9
0.028
-
0.035
C
-
0.5
-
-
0.020
-
D
-
1.0
-
-
0.039
-
Document Number: DS_S1501011
Version: D15
PACKAGE OUTLINE DIMENSION
1005
DIM.
Unit (mm)
Unit (inch)
ORDER INFORMATION (EXAMPLE)
TS4448 RW
Taiwan Semiconductor
Small Signal Product
TS4448 RWG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com