Electronic Components Datasheet Search
  English  ▼

X  

TS4448RW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4448RW
Description  350mW High Speed SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4448RW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4448RW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4448RW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Designed for mounting on small surface
- Extremely thin / leadless package
- High mounting capability, strong surage with stand,
high reliability
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: 1005
- Terminal: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity: Indicated by cathode band
- Weight: 6 mg (approximately)
- Marking code: S5
SYMBOL
UNIT
PD
mW
VRRM
V
IO
mA
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
Reverse Breakdown Voltage
V(BR)
V
CJ
pF
trr
ns
Note 1: Valid provided that electrodes are kept at ambient temperature
Note 2: Test condition : IR=100μA
Note 3: Test condition : IF=IR=10mA, RL=100Ω, IRR=1mA
Document Number: DS_S1501011
Version: D15
IFSM
Non-Repetitive Peak Forward
Surge Current
VF
IR
Reverse Leakage Current
Junction Capacitance
VR=0V, f=1.0MHz
-9
(Note 3)
-
9
VR=20V
-25
nA
VR=80V
-
100
Forward Voltage
IF=5mA
0.62
0.72
V
IF=100mA
1.00
PARAMETER
MIN
MAX
(Note 2)
-
80
Thermal Resistance (Junction to Ambient)
(Note 1)
500
Junction and Storage Temperature Range
-40 to +125
Reverse Recovery Time
Pulse Width = 1 μs2
A
Pulse Width = 8.3 ms
1
Power Dissipation
200
Repetitive Peak Reverse Voltage
100
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Mean Forward Current
125
TS4448 RW
Taiwan Semiconductor
350mW High Speed SMD Switching Diode
FEATURES
1005


Similar Part No. - TS4448RW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
350mW High Speed SMD Switching Diode
More results

Similar Description - TS4448RW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
350mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
High Speed Switching Diode 350mW
BAS16W-TP MCC-BAS16W-TP Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
High Speed Switching Diode 350mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com