Electronic Components Datasheet Search
  English  ▼

X  

LT1959 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1959
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1959 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1959 Datasheet HTML 16Page - Linear Technology LT1959 Datasheet HTML 17Page - Linear Technology LT1959 Datasheet HTML 18Page - Linear Technology LT1959 Datasheet HTML 19Page - Linear Technology LT1959 Datasheet HTML 20Page - Linear Technology LT1959 Datasheet HTML 21Page - Linear Technology LT1959 Datasheet HTML 22Page - Linear Technology LT1959 Datasheet HTML 23Page - Linear Technology LT1959 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LT1959
APPLICATIONS INFORMATION
converters 120
° out of phase with each other reduces
input and output ripple currents. This reduces the ripple
rating, size and cost of filter capacitors.
Current Sharing/Split Input Supplies
Current sharing is accomplished by joining the VC pins to
a common compensation capacitor. The output of the
error amplifier is a gm stage, so any number of devices can
be connected together. The effective gm of the composite
error amplifier is the multiple of the individual devices. In
Figure 15, the compensation capacitor C4 has been
increased by
×3. Tolerances in the reference voltages
result in small offset currents to flow between the VC pins.
The overall effect is that the loop regulates the output at a
voltage between the minimum and maximum reference of
the devices used. Switch current matching between
devices will be typically better than 300mA. The negative
temperature coefficient of the VCtoswitchcurrenttranscon-
ductance prevents current hogging.
A common VC voltage forces each LT1959 to operate at the
same switch current, not duty cycle. Each device operates
at the duty cycle defined by its respective input voltage. In
Figure 15, the input could be split and each device oper-
ated at a different voltage. The common VC ensures
loading is shared between inputs.
Figure 15. Current Sharing 12A Supply
Synchronized Ripple Currents
A ring counter generates three synchronization signals at
600kHz, 33% duty cycle phased 120
° apart. The sync
input will operate over a wide range of duty cycles, so no
further pulse conditioning is needed. Each device’s maxi-
mum input ripple current is a 4A square wave at 600kHz.
When synchronously added together, the ripple remains
at 4A but frequency increases to 1.8MHz. Likewise, the
output ripple current is a 1.8MHz triangular waveform,
with maximum amplitude of 350mA at 5V VIN. Interest-
ingly, at 7.6V and 15V VIN, the theoretical summed output
ripple current cancels completely. To reduce board space
and ripple voltage, C1 and C3 are ceramic capacitors. Loop
compensation C4 must be adjusted when using ceramic
output capacitors due to the lack of effective series resis-
tance. The typical tantalum compensation of 1.5nF is
increased to 22nF (
×3) for the ceramic output capacitor.
If synchronization is not used and the internal oscillators
free run, the circuit will operate correctly, but ripple
cancellation will not occur. Input and output capacitors
must be ripple rated for the total output current.
+
C4
68nF
25V
C1, C3: MARCON THCS50E1E106Z
D1: ROHM RB051L-40
D2: 1N914
L1: DO3316P-682
+
C3C
10
µF
25V
C2C
330nF
10V
D1C
1959 F15
L1C
6.8
µH
+
C1
10
µF
25V
2.5V
12A
R1
2.67k
1%
R2
2.49k
1%
1.8MHz
3-BIT RING
COUNTER
+
C3B
10
µF
25V
C2B
330nF
10V
D1B
L1B
6.8
µH
+
C3A
10
µF
25V
INPUT
4.3V TO 15V
C2A
330nF
10V
D1A
D2A
L1A
6.8
µH
VC SYNC SW GND
LT1959
VIN BOOST FB
VC SYNC SW GND
LT1959
VIN BOOST FB
VC SYNC SW GND
LT1959
VIN BOOST FB
D2B
D2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com