Electronic Components Datasheet Search
  English  ▼

X  

LT1959 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1959
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1959 Datasheet(HTML) 4 Page - Linear Technology

  LT1959 Datasheet HTML 1Page - Linear Technology LT1959 Datasheet HTML 2Page - Linear Technology LT1959 Datasheet HTML 3Page - Linear Technology LT1959 Datasheet HTML 4Page - Linear Technology LT1959 Datasheet HTML 5Page - Linear Technology LT1959 Datasheet HTML 6Page - Linear Technology LT1959 Datasheet HTML 7Page - Linear Technology LT1959 Datasheet HTML 8Page - Linear Technology LT1959 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1959
TYPICAL PERFORMANCE CHARACTERISTICS
Feedback Pin Voltage
Switch Peak Current Limit
Lockout and Shutdown
Thresholds
Shutdown Pin Bias Current
Shutdown Supply Current
Shutdown Supply Current
Error Amplifier Transconductance
Error Amplifier Transconductance
Minimum Input Voltage
with 3.3V Output
LOAD CURRENT (mA)
1
4.1
4.3
4.5
4.7
10
100
1000
1959 G01
3.9
3.7
3.5
3.3
DUTY CYCLE (%)
0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
80
1959 G02
20
40
60
100
TYPICAL
MINIMUM
TEMPERATURE (
°C)
–50
1.215
1.210
1.205
100
1959 G03
–25
0
25
50
75
125
TEMPERATURE (
°C)
–50
–500
– 400
– 300
– 200
–8
–4
0
25
75
1959 G04
–25
0
50
100
125
AT 0.37V SHUTDOWN THRESHOLD.
AFTER SHUTDOWN, CURRENT
DROPS TO A FEW
µA
AT 2.38V LOCKOUT THRESHOLD
JUNCTION TEMPERATURE (
°C)
–50
2.40
2.36
2.32
0.8
0.4
0
25
75
1959 G05
–25
0
50
100
125
LOCKOUT
START-UP
SHUTDOWN
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
510
15
1959 G06
VSHDN = 0V
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1959 G09
1k
1M
GAIN
PHASE
ERROR AMPLIFIER EQUIVALENT CIRCUIT
ROUT
200k
COUT
12pF
VC
RLOAD = 50Ω
VFB 2 × 10
–3
)
(
JUNCTION TEMPERATURE (
°C)
–50
2500
2000
1500
1000
500
0
0
50
75
1959 G08
–25
25
100
125
SHUTDOWN VOLTAGE (V)
0
70
60
50
40
30
20
10
0
0.1
0.2
0.3
0.4
1959 G07
VIN = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com