Electronic Components Datasheet Search
  English  ▼

X  

LTC1046 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1046
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046 Datasheet(HTML) 2 Page - Linear Technology

  LTC1046 Datasheet HTML 1Page - Linear Technology LTC1046 Datasheet HTML 2Page - Linear Technology LTC1046 Datasheet HTML 3Page - Linear Technology LTC1046 Datasheet HTML 4Page - Linear Technology LTC1046 Datasheet HTML 5Page - Linear Technology LTC1046 Datasheet HTML 6Page - Linear Technology LTC1046 Datasheet HTML 7Page - Linear Technology LTC1046 Datasheet HTML 8Page - Linear Technology LTC1046 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1046
2
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, COSC = 0pF, unless otherwise noted.
LTC1046C
LTC1046I/M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current
RL = ∞, Pins 1 and 7 No Connection
165
300
165
300
µA
RL = ∞, Pins 1 and 7 No Connection,
35
35
µA
V+ = 3V
V+L
Minimum Supply Voltage
RL = 5kΩ
q
1.5
1.5
V
V+H
Maximum Supply Voltage
RL = 5kΩ
q
66
V
ROUT
Output Resistance
V+ = 5V, IL = 50mA (Note 3)
27
35
27
35
Ω
q
27
45
27
50
Ω
V+ = 2V, IL = 10mA
q
60
85
60
90
Ω
fOSC
Oscillator Frequency
V+ = 5V (Note 4)
20
30
20
30
kHz
V+ = 2V
4
5.5
4
5.5
kHz
PEFF
Power Efficiency
RL = 2.4kΩ
95
97
95
97
%
VOUTEFF
Voltage Conversion
RL = ∞
97
99.9
97
99.9
%
Efficiency
IOSC
Oscillator Sink or Source
VOSC = 0V or V+
Current
Pin 1 = 0V
q
4.2
35
4.2
40
µA
Pin 1 = V+
q
15
45
15
50
µA
(Note 1)
Supply Voltage ....................................................... 6.5V
Input Voltage on Pins 1, 6 and 7
(Note 2) ............................ – 0.3 < VIN < (V +) +0.3V
Current into Pin 6 .................................................. 20
µA
Output Short Circuit Duration
(V +
≤ 6V) ...............................................Continuous
Operating Temperature Range
LTC1046C .................................... 0
°C ≤ TA ≤ 70°C
LTC1046I ................................. – 40
°C ≤ TA ≤ 85°C
LTC1046M .................................... – 55
°C to 125°C
Storage Temperature Range ............... – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER I FOR ATIO
Note 1: Absolute Maximum Ratings are those values beyond which
the life of the device may be impaired.
Note 2: Connecting any input terminal to voltages greater than V+ or
less than ground may cause destructive latch-up. It is recommended
that no inputs from sources operating from external supplies be
applied prior to power-up of the LTC1046.
Note 3: ROUT is measured at TJ = 25°C immediately after power-on.
Note 4: fOSC is tested with COSC = 100pF to minimize the effects of test
fixture capacitance loading. The 0pF frequency is correlated to this 100pF
test point, and is intended to simulate the capacitance at pin 7 when the
device is plugged into a test socket and no external capacitor is used.
LTC1046CN8
LTC1046CS8
LTC1046IN8
LTC1046IS8
LTC1046MJ8
S8 PART MARKING
1046
1046I
1
2
3
4
8
7
6
5
TOP VIEW
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
J8 PACKAGE
8-LEAD CERDIP
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 160°C, θJA = 100°C (J8)
TJMAX = 110°C, θJA = 130°C (N8)
TJMAX = 150°C, θJA = 150°C (S8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com