Electronic Components Datasheet Search
  English  ▼

X  

LTC1046 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1046
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046 Datasheet(HTML) 5 Page - Linear Technology

  LTC1046 Datasheet HTML 1Page - Linear Technology LTC1046 Datasheet HTML 2Page - Linear Technology LTC1046 Datasheet HTML 3Page - Linear Technology LTC1046 Datasheet HTML 4Page - Linear Technology LTC1046 Datasheet HTML 5Page - Linear Technology LTC1046 Datasheet HTML 6Page - Linear Technology LTC1046 Datasheet HTML 7Page - Linear Technology LTC1046 Datasheet HTML 8Page - Linear Technology LTC1046 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1046
S
APPLICATI
I FOR ATIO
Rewriting in terms of voltage and impedance equivalence,
I
VV
fC
VV
REQUIV
= () =
12
11
12
–
/
–
.
A new variable, REQUIV, has been defined such that
REQUIV = 1/fC1. Thus, the equivalent circuit for the switched
capacitor network is as shown in Figure 3.
As frequency is decreased, the output impedance will
eventually be dominated by the 1/fC1 term and power
efficiency will drop. The typical curves for power effi-
ciency versus frequency show this effect for various capaci-
tor values.
Note also that power efficiency decreases as frequency
goes up. This is caused by internal switching losses which
occur due to some finite charge being lost on each
switching cycle. This charge loss per unit cycle, when
multiplied by the switching frequency, becomes a current
loss. At high frequency this loss becomes significant and
the power efficiency starts to decrease.
LV (Pin 6)
The internal logic of the LTC1046 runs between V+ and LV
(Pin 6). For V+ greater than or equal to 3V, an internal
switch shorts LV to GND (Pin 3). For V+ less than 3V, the
LV pin should be tied to ground. For V+ greater than or
equal to 3V, the LV pin can be tied to ground or left floating.
OSC (Pin 7) and BOOST (Pin 1)
The switching frequency can be raised, lowered or driven
from an external source. Figure 5 shows a functional
diagram of the oscillator circuit.
Figure 3. Switched Capacitor Equivalent Circuit
Figure 4. LTC1046 Switched Capacitor
Voltage Converter Block Diagram
Figure 5. Oscillator
Examination of Figure 4 shows that the LTC1046 has the
same switching action as the basic switched capacitor
building block. With the addition of finite switch ON
resistance and output voltage ripple, the simple theory,
although not exact, provides an intuitive feel for how the
device works.
For example, if you examine power conversion efficiency
as a function of frequency (see typical curve), this simple
theory will explain how the LTC1046 behaves. The loss,
and hence the efficiency, is set by the output impedance.
C2
REQUIV =
1046 F03
V2
V1
RL
REQUIV
1
fC1
1046 F04
CAP+
(2)
CAP–
(4)
GND
(3)
VOUT
(5)
V+
(8)
LV
(6)
3x
(1)
OSC
(7)
OSC
+2
CLOSED WHEN
V+ > 3.0V
C1
C2
BOOST
SW1
SW2
φ
φ
+
OSC
(7)
1046 F05
LV
(6)
BOOST
(1)
∼14pF
I
2I
I
2I
V+
SCHMITT
TRIGGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com