Electronic Components Datasheet Search
  English  ▼

X  

RS3AB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RS3AB
Description  3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS3AB Datasheet(HTML) 1 Page - Diodes Incorporated

  RS3AB_15 Datasheet HTML 1Page - Diodes Incorporated RS3AB_15 Datasheet HTML 2Page - Diodes Incorporated RS3AB_15 Datasheet HTML 3Page - Diodes Incorporated RS3AB_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS3A/B - RS3M/B
Document number: DS15005 Rev. 11 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS3A/B - RS3M/B
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
•
Glass Passivated Die Construction
•
Fast Recovery Time for High Efficiency
•
Surge Overload Rating to 100A Peak
•
Ideally Suited for Automatic Assembly
•
Lead Free Finish/RoHS Compliant (Note 1)
•
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
•
Case: SMB, SMC
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Weight: SMB 0.093 grams (approximate)
SMC
0.21 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
RS3x-13-F
SMC
3000/Tape & Reel
RS3xB-13-F
SMB
3000/Tape & Reel
* x = Device type, e.g. RS3A-13-F (SMC package); RS3AB-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
 
Green
Top View
Bottom View
RS3x = Product type marking code, ex: RS3A (SMC package)
RS3xB = Product type marking code, ex: RS3AB (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
RS3x(B)


Similar Part No. - RS3AB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3AB-13-F DIODES-RS3AB-13-F Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
RS3AB BILIN-RS3AB_12 Datasheet
145Kb / 3P
Surface Mount Rectifiers
RS3AB BILIN-RS3AB_18 Datasheet
626Kb / 4P
Fast Recovery Rectifier
Rev.B
More results

Similar Description - RS3AB_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR3A WTE-FR3A Datasheet
46Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_1 Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
TAITRON Components Inco...
RS3A TAITRON-RS3A Datasheet
148Kb / 4P
3.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS3A DAYA-RS3A Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_10 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 11 - 2
RS3G-13 DIODES-RS3G-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3MB-13 DIODES-RS3MB-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
RS3A SUNMATE-RS3A Datasheet
165Kb / 2P
3.0A Surface Mount Fast Recovery Rectifier
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com