Electronic Components Datasheet Search
  English  ▼

X  

RS3AB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # RS3AB
Description  3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS3AB Datasheet(HTML) 3 Page - Diodes Incorporated

  RS3AB_15 Datasheet HTML 1Page - Diodes Incorporated RS3AB_15 Datasheet HTML 2Page - Diodes Incorporated RS3AB_15 Datasheet HTML 3Page - Diodes Incorporated RS3AB_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RS3A/B - RS3M/B
Document number: DS15005 Rev. 11 - 2
3 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS3A/B - RS3M/B
0
20
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
40
60
80
100
120
0.1
1.0
10
100
1,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
Package Outline Dimensions
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
A
B
C
D
G
H
E
J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com