Electronic Components Datasheet Search
  English  ▼

X  

LTC1046C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1046C
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1046C Datasheet HTML 2Page - Linear Technology LTC1046C Datasheet HTML 3Page - Linear Technology LTC1046C Datasheet HTML 4Page - Linear Technology LTC1046C Datasheet HTML 5Page - Linear Technology LTC1046C Datasheet HTML 6Page - Linear Technology LTC1046C Datasheet HTML 7Page - Linear Technology LTC1046C Datasheet HTML 8Page - Linear Technology LTC1046C Datasheet HTML 9Page - Linear Technology LTC1046C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1046
6
S
APPLICATI
I FOR ATIO
By connecting the BOOST (Pin 1) to V+, the charge and
discharge current is increased and, hence, the frequency
is increased by approximately three times. Increasing the
frequency will decrease output impedance and ripple for
higher load currents.
Loading Pin 7 with more capacitance will lower the fre-
quency. Using the BOOST pin in conjunction with external
capacitance on Pin 7 allows user selection of the fre-
quency over a wide range.
Driving the LTC1046 from an external frequency source
can be easily achieved by driving Pin 7 and leaving the
BOOST pin open, as shown in Figure 6. The output current
from Pin 7 is small, typically 15
µA, so a logic gate is
capable of driving this current. The choice of using a CMOS
logic gate is best because it can operate over a wide supply
voltage range (3V to 15V) and has enough voltage swing
to drive the internal Schmitt trigger shown in Figure 5. For
5V applications, a TTL logic gate can be used by simply
adding an external pull-up resistor (see Figure 6).
Capacitor Selection
While the exact values of CIN and COUT are noncritical,
good quality, low ESR capacitors such as solid tantalum
are necessary to minimize voltage losses at high currents.
For CIN the effect of the ESR of the capacitor will be
multiplied by four, due to the fact that switch currents are
approximately two times higher than output current, and
losses will occur on both the charge and discharge cycle.
This means that using a capacitor with 1
Ω of ESR for CIN
will have the same effect as increasing the output imped-
ance of the LTC1046 by 4
Ω. This represents a significant
increase in the voltage losses. For COUT the effect of ESR
is less dramatic. COUT is alternately charged and dis-
charged at a current approximately equal to the output
current, and the ESR of the capacitor will cause a step
function to occur, in the output ripple, at the switch
transitions. This step function will degrade the output
regulation for changes in output load current, and should
be avoided. Realizing that large value tantalum capacitors
can be expensive, a technique that can be used is to
parallel a smaller tantalum capacitor with a large alumi-
num electrolytic capacitor to gain both low ESR and
reasonable cost. Where physical size is a concern some
of the newer chip type surface mount tantalum capacitors
can be used. These capacitors are normally rated at
working voltages in the 10V to 20V range and exhibit very
low ESR (in the range of 0.1
Ω).
Figure 6. External Clocking
C2
V+
100k
OSC INPUT
REQUIRED FOR TTL LOGIC
–(V
+)
1046 F06
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
LTC1046
C1
NC
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com