Electronic Components Datasheet Search
  English  ▼

X  

LTC1046C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1046C
Description  ?쏧nductorless??5V to 5V Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1046C Datasheet HTML 3Page - Linear Technology LTC1046C Datasheet HTML 4Page - Linear Technology LTC1046C Datasheet HTML 5Page - Linear Technology LTC1046C Datasheet HTML 6Page - Linear Technology LTC1046C Datasheet HTML 7Page - Linear Technology LTC1046C Datasheet HTML 8Page - Linear Technology LTC1046C Datasheet HTML 9Page - Linear Technology LTC1046C Datasheet HTML 10Page - Linear Technology LTC1046C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1046
S
APPLICATI
TYPICAL
Figure 7. Negative Voltage Converter
Negative Voltage Converter
Figure 7 shows a typical connection which will provide a
negative supply from an available positive supply. This
circuit operates over full temperature and power supply
ranges without the need of any external diodes. The LV pin
(Pin 6) is shown grounded, but for V+
≥ 3V, it may be
floated, since LV is internally switched to GND (Pin 3) for
V+
≥ 3V.
The output voltage (Pin 5) characteristics of the circuit are
those of a nearly ideal voltage source in series with an 27
Ω
resistor. The 27
Ω output impedance is composed of two
terms: 1) the equivalent switched capacitor resistance
(see Theory of Operation), and 2) a term related to the ON
resistance of the MOS switches.
At an oscillator frequency of 30kHz and C1 = 10
µF, the first
term is:
R=
1
f/ 2
EQUIV
OSC
()
=
=
•
••
.
•
–
C1
1
15 10
10 10
67
36
Ω.
Notice that the equation for REQUIV is not a capacitive
reactance equation (XC = 1/ωC) and does not contain a 2π
term.
The exact expression for output impedance is complex,
but the dominant effect of the capacitor is clearly shown on
Figure 8. Voltage Doubler
Figure 9. Ultraprecision Voltage Divider
the typical curves of output impedance and power effi-
ciency versus frequency. For C1 = C2 = 10
µF, the output
impedance goes from 27
Ω at fOSC = 30kHz to 225Ω at
fOSC = 1kHz. As the 1/fC term becomes large compared to
switch ON resistance term, the output resistance is deter-
mined by 1/fC only.
Voltage Doubling
Figure 8 shows a two diode, capacitive voltage doubler.
With a 5V input, the output is 9.1V with no load and 8.2V
with a 10mA load.
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
LTC1046
10
µF
10
µF
1046 F07
V+
1.5V TO 6V
VOUT = –V
+
REQUIRED FOR V+ < 3V
TMIN ≤ TA ≤ TMAX
+
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
LTC1046
10
µF10µF
VD
VD
+
+
1046 F08
V+
1.5V TO 6V
VOUT = 2
(VIN –1)
REQUIRED
FOR
V+ < 3V
+
+
Ultraprecision Voltage Divider
An ultraprecision voltage divider is shown in Figure 9. To
achieve the 0.0002% accuracy indicated, the load current
should be kept below 100nA. However, with a slight loss
in accuracy, the load current can be increased.
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP –
LTC1046
C1
10
µF
C2
10
µF
TMIN ≤ TA ≤ TMAX
IL ≤ 100nA
REQUIRED FOR V+ < 6V
1046 F09
V+
3V TO 12V
+
+
±0.002%
V+
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com