Electronic Components Datasheet Search
  English  ▼

X  

UPD75517 Datasheet(PDF) 1 Page - NEC

Part # UPD75517
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75517 Datasheet(HTML) 1 Page - NEC

  UPD75517 Datasheet HTML 1Page - NEC UPD75517 Datasheet HTML 2Page - NEC UPD75517 Datasheet HTML 3Page - NEC UPD75517 Datasheet HTML 4Page - NEC UPD75517 Datasheet HTML 5Page - NEC UPD75517 Datasheet HTML 6Page - NEC UPD75517 Datasheet HTML 7Page - NEC UPD75517 Datasheet HTML 8Page - NEC UPD75517 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 180 page
background image
Document No.
IC-3183
(O. D. No.
IC-8683
Date Published
November 1992 P
The information in this document is subject to change without notice.
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD75517(A)
4 BIT SINGLE-CHIP MICROCOMPUTER
The
µPD75517(A) is a 75X series four-bit single-chip microcomputer which enables data processing
equivalent to that performed by an eight-bit microcomputer.
It is a high-performance product, whose
minimum instruction execution time is 0.67
µs, shorter than 0.95 µs for the conventional µPD75516. The ROM
and RAM capacities are also larger, and the throughput of the 75X series is further increased. The
µPD75517(A)
is suited to controllers of electric parts of automobiles.
FEATURES
• Higher reliable than the
µPD75517
• Capacities of program memory, ROM: 24448
× 8 bits
• Capacity of data memory, RAM: 1024
× 4 bits
• Function for specifying the instruction execution time (useful for high-speed operation and saving power)
• 0.67
µs/1.33 µs/2.67 µs/10.7 µs (when the main system clock operates at 6.0 MHz)
• 0.95
µs/1.91 µs/3.82 µs/15.3 µs (when the main system clock operates at 4.19 MHz)
• 122
µs (when the subsystem clock operates at 32.768 kHz)
• Built-in A/D converter operable on low voltage
• 8-bit resolution
× 8 channels (Successive approximation system)
•VDD = 2.7 to 6.0 V
• Many I/O lines: 64
• Enhanced timer function: 4 channels
• Built-in 8-bit serial interface: Two channels
•
Built-in NEC serial bus interface (SBI)
• Clock operable with ultra-low power consumption (when 5-
µA TYP. operates on 3 V.)
• Product with a built-in PROM available:
µPD75P518
APPLICATIONS
Controller of electric parts of automobiles
ORDERING INFORMATION
Part number
Package
Quality grade
uPD75517GF(A)-
×××-3B9
80-pin plastic QFP (14 mm
× 20 mm)
Special
Remark
×××: Code number
Please refer to “Quality Grades on NEC Semiconductor Devices” (Document number IEI-1209) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
Printed in Japan
NEC CORPORATION1992
ELECTRON DEVICE


Similar Part No. - UPD75517

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75517 NEC-UPD75517 Datasheet
22Mb / 384P
4 BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75517 RENESAS-UPD75517 Datasheet
1Mb / 182P
MOS INTEGRATED CIRCUIT
1992
logo
NEC
UPD75517GF-XXX-3B9 NEC-UPD75517GF-XXX-3B9 Datasheet
22Mb / 384P
4 BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75517GF-XXX-3B9 RENESAS-UPD75517GF-XXX-3B9 Datasheet
1Mb / 182P
MOS INTEGRATED CIRCUIT
1992
More results

Similar Description - UPD75517

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com