Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1064
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064 Datasheet(HTML) 2 Page - Linear Technology

  LTC1064 Datasheet HTML 1Page - Linear Technology LTC1064 Datasheet HTML 2Page - Linear Technology LTC1064 Datasheet HTML 3Page - Linear Technology LTC1064 Datasheet HTML 4Page - Linear Technology LTC1064 Datasheet HTML 5Page - Linear Technology LTC1064 Datasheet HTML 6Page - Linear Technology LTC1064 Datasheet HTML 7Page - Linear Technology LTC1064 Datasheet HTML 8Page - Linear Technology LTC1064 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1064
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
TJMAX = 150°C, θJA = 100°C/ W (J)
TJMAX = 110°C, θJA = 65°C/ W (N)
LTC1064ACJ
LTC1064CJ
LTC1064AMJ
LTC1064MJ
LTC1064ACN
LTC1064CN
LTC1064CS
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 100°C, θJA = 85°C/ W
Consult factory for Industrial grade parts.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
±2.375
±8V
Voltage Swings
VS = ±5V, RL = 5k
±3.2
±3.6
V
q
±3.1
V
Output Short-Circuit Current (Source/Sink)
VS = ±5V
3
mA
DC Open-Loop Gain
VS = ±5V, RL = 5k
80
dB
GBW Product
VS = ±5V
7
MHz
Slew Rate
VS = ±5V
10
V/
µs
(Internal Op Amps) TA = 25°C, unless otherwise specified.
Total Supply Voltage (V + to V –) ............................. 16V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1064AC/LTC1064C .................... – 40
°C to 85°C
LTC1064AM/LTC1064M ................ – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
J PACKAGE
24-LEAD CERAMIC DIP
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
N PACKAGE
24-LEAD PLASTIC DIP
SW PACKAGE
24-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com